Electronic Components Datasheet Search
  English  ▼

X  

LTC1703 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1703
Description  Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1703 Datasheet(HTML) 3 Page - Linear Technology

  LTC1703 Datasheet HTML 1Page - Linear Technology LTC1703 Datasheet HTML 2Page - Linear Technology LTC1703 Datasheet HTML 3Page - Linear Technology LTC1703 Datasheet HTML 4Page - Linear Technology LTC1703 Datasheet HTML 5Page - Linear Technology LTC1703 Datasheet HTML 6Page - Linear Technology LTC1703 Datasheet HTML 7Page - Linear Technology LTC1703 Datasheet HTML 8Page - Linear Technology LTC1703 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
3
LTC1703
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: PVCC and BVCC (VBOOST – VSW) must be greater than VGS(ON) of
the external MOSFETs used to ensure proper operation.
Note 3: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground unless otherwise
specified.
Note 4: Supply current in normal operation is dominated by the current
needed to charge and discharge the external MOSFET gates. This current
will vary with supply voltage and the external MOSFETs used.
Note 5: Supply current in shutdown is dominated by external MOSFET
leakage and may be significantly higher than the quiescent current drawn
by the LTC1703, especially at elevated temperature.
Note 6: This parameter is guaranteed by correlation and is not tested
directly.
Note 7: Each built-in pull-up resistor attached to the VID inputs also has a
series diode connected to VCC to allow input voltages higher than the VCC
supply without damage or clamping. (See Block Diagram.)
Note 8: Feedback current at FB1 will be higher due to internal VID
resistors.
Note 9: Rise and fall times are measured using 10% and 90% levels. Delay
and nonoverlap times are measured using 50% levels.
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VCC = 5V unless otherwise specified. (Note 3)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switching Characteristics
VOSC
Oscillator Amplitude
1VP-P
fOSC
Oscillator Frequency
Test Circuit 1
q
475
550
750
kHz
ΦOSC2
Controller 2 Oscillator Phase
Relative to Controller 1
180
DEG
DCMIN1
Minimum Duty Cycle
VFB < VMAX
q
710
%
DCMIN2
Minimum Duty Cycle
VFB > VMAX
q
0%
DCMAX
Maximum Duty Cycle
q
87
90
93
%
tNOV
Driver Nonoverlap
Test Circuit 1 (Note 9)
q
40
100
ns
tr, tf
Driver Rise/Fall Time
Test Circuit 1 (Note 9)
q
12
80
ns
Feedback Amplifier
AVFB
FB DC Gain
q
74
85
dB
GBW
FB Gain Bandwidth
25
MHz
IERR
FB Sink/Source Current
COMPN Output
q
±3
±10
mA
VMIN
MIN Comparator Threshold
q
760
785
mV
VMAX
MAX Comparator Threshold
q
815
840
mV
Current Limit Loop
AVILIM
ILIM Gain
40
dB
IIMAX
IMAX Source Current
IMAX = 0V
q
–7
–10
–13
µA
Status Outputs
VFAULT
FAULT Trip Point
VFB Relative to Regulated VOUT
q
+10
+ 15
+20
%
VOLF
FAULT Output Low Voltage
IFAULT = 1mA
q
0.03
0.1
V
IFAULT
FAULT Output Current
VFAULT = 0V
– 10
µA
tFAULT
FAULT Delay Time
VFB > VFAULT to FAULT
(Note 9)
25
µs
VID Inputs
R11
Resistance Between SENSE and FB1
10
k
Ω
VOUT Error % Output Voltage Accuracy (Side 1)
Programmed from 0.9V to 2V
q
– 1.5
1.5
%
RPULLUP
VID Input Pull-Up Resistance
VDIODE = 0.6V (Note 7)
40
k
Ω
VIDT
VID Input Voltage Threshold
VIL (2.7V ≤ VCC ≤ 5.5V)
0.4
V
VIH (2.7V ≤ VCC ≤ 5.5V)
1.6
V
IVID-LEAK
VID Input Leakage Current
VCC < VID < 7V (Note 7)
0.01
±1
µA
VPULLUP
VID Pull-Up Voltage
VCC = 3.3V
2.8
V
VCC = 5V
4.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com