Electronic Components Datasheet Search
  English  ▼

X  

UPD77017 Datasheet(PDF) 32 Page - NEC

Part # UPD77017
Description  16 bits, Fixed-point Digital Signal Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77017 Datasheet(HTML) 32 Page - NEC

Back Button UPD77017 Datasheet HTML 28Page - NEC UPD77017 Datasheet HTML 29Page - NEC UPD77017 Datasheet HTML 30Page - NEC UPD77017 Datasheet HTML 31Page - NEC UPD77017 Datasheet HTML 32Page - NEC UPD77017 Datasheet HTML 33Page - NEC UPD77017 Datasheet HTML 34Page - NEC UPD77017 Datasheet HTML 35Page - NEC UPD77017 Datasheet HTML 36Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
µPD77015, 77017, 77018
32
4. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = +25 ˚C)
Parameters
Symbol
Conditions
Ratings
Unit
Power supply voltage
VDD
–0.5 to +4.6
V
Input voltage
VI
2.7 V
≤ VDD ≤ 3.6 V
–0.5 to +4.1
V
VI < VDD +0.5 V
Output voltage
VO
–0.5 to +4.6
V
Storage temperature
Tstg
–65 to +150
˚C
Operating ambient temperature
TA
–40 to +85
˚C
Caution
Exposure to Absolute Maximum Ratings for extended periods may affect device reliability;
exceeding the ratings could cause permanent damage. The parameters apply independently.
The device should be operated within the limits specified under DC and AC Characteristics.
Recommended Operating Conditions
Parameters
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Operating voltage
VDD
2.7
3.0
3.6
V
Input voltage
VI
0VDD
V
Capacitance (TA = +25 ˚C, VDD = 0 V)
Parameters
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input capacitance
CI
10
pF
Output capacitance
CO
10
pF
Input/output capacitance
CIO
10
PF
f = 1 MHz
Unmeasured pins returned to
0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com