Electronic Components Datasheet Search
  English  ▼

X  

UPD77017 Datasheet(PDF) 6 Page - NEC

Part # UPD77017
Description  16 bits, Fixed-point Digital Signal Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77017 Datasheet(HTML) 6 Page - NEC

Back Button UPD77017 Datasheet HTML 2Page - NEC UPD77017 Datasheet HTML 3Page - NEC UPD77017 Datasheet HTML 4Page - NEC UPD77017 Datasheet HTML 5Page - NEC UPD77017 Datasheet HTML 6Page - NEC UPD77017 Datasheet HTML 7Page - NEC UPD77017 Datasheet HTML 8Page - NEC UPD77017 Datasheet HTML 9Page - NEC UPD77017 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
µPD77015, 77017, 77018
6
PIN CONFIGURATION
100-pin plastic TQFP (FINE PITCH) (14
× 14 mm ) (Top View)
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76
HD2
75
HD3
74
HD4
73
HD5
72
HD6
71
HD7
70
VDD
69
GND
68
HWE
67
HRE
66
P0
65
P1
64
P2
63
P3
62
SI2
61
SIEN2
60
SCK2
59
SO2
58
SOEN2
57
VDD
56
GND
55
SOEN1
54
SORQ1
53
SO1
52
SIAK1
51
RESET
INT4
INT3
INT2
INT1
I.C.
X/Y
DA13
DA12
GND
VDD
DA11
DA10
DA9
DA8
DA7
DA6
DA5
DA4
GND
VDD
DA3
DA2
DA1
DA0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com