Electronic Components Datasheet Search
  English  ▼

X  

UPD77017 Datasheet(PDF) 18 Page - NEC

Part # UPD77017
Description  16 bits, Fixed-point Digital Signal Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77017 Datasheet(HTML) 18 Page - NEC

Back Button UPD77017 Datasheet HTML 14Page - NEC UPD77017 Datasheet HTML 15Page - NEC UPD77017 Datasheet HTML 16Page - NEC UPD77017 Datasheet HTML 17Page - NEC UPD77017 Datasheet HTML 18Page - NEC UPD77017 Datasheet HTML 19Page - NEC UPD77017 Datasheet HTML 20Page - NEC UPD77017 Datasheet HTML 21Page - NEC UPD77017 Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
µPD77015, 77017, 77018
18
(2) General register used as 32 bits register
Bit 31 to bit 0 of general register are treated as 32 bits register, when it is used for a operand of exponent
instruction.
(3) General register used as 24 bits register
Bit 39 to bit 16 of general register are treated as 24 bits register, when it is used for destination with extended
sign for a load/store instruction.
(4) General register used as 16 bits register
Bit 31 to bit 16 of general register are treated as 16 bits register, when it is used for the following aims.
(a) Signed operand for multiplier
(b) Source/destination for load/store instruction
Bit 15 to bit 0 of general register are treated as 16 bits register, when it is used for the following aims.
(c) Unsigned operand for multiplier
(d) Shift value for shift instruction
(e) Source/destination for load/store instruction
(f)
Source/destination for inter-register transfer instruction
(g) Destination for immediate data set instruction
(f)
Hardware loop times
(5) General register used as 8 bits register
Bit 39 to bit 32 of general register are treated as 8 bits register, when it is used for source/destination of load/
store instruction.
2.3.2
MAC: Multiply ACcumulator
MAC multiplies a pair of 16 bits data, and adds or subtract the result and 40 bits data. MAC outputs 40 bits
data.
MAC operates three types of multiplication: signed data
× signed data, signed data × unsigned data and
unsigned data
× unsigned data.
Result of multiplication and 40 bits data for addition can be added after 1 or 16 bits arithmetic shift right.
2.3.3
ALU: Arithmetic Logic Unit
ALU performs arithmetic operation and logic operation. Both input/output data are 40 bits.
2.3.4
BSFT: Barrel ShiFTer
BSFT performs shift right/left operation. Both input/output data are 40 bits. There are two types of shift right
operations; arithmetic shift right which sign is extended, and logic shift right which is input 0 in MSB first.
2.3.5
SAC: Shifter And Count Circuit
SAC calculates and outputs shift value for normalization. SAC is input 32 bits data and outputs the 40 bits
data. Then, bit 39 to bit 5 of output data is always 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com