Electronic Components Datasheet Search
  English  ▼

X  

UPD77017 Datasheet(PDF) 5 Page - NEC

Part # UPD77017
Description  16 bits, Fixed-point Digital Signal Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77017 Datasheet(HTML) 5 Page - NEC

  UPD77017 Datasheet HTML 1Page - NEC UPD77017 Datasheet HTML 2Page - NEC UPD77017 Datasheet HTML 3Page - NEC UPD77017 Datasheet HTML 4Page - NEC UPD77017 Datasheet HTML 5Page - NEC UPD77017 Datasheet HTML 6Page - NEC UPD77017 Datasheet HTML 7Page - NEC UPD77017 Datasheet HTML 8Page - NEC UPD77017 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
Item
µPD77016
µPD77015
µPD77017
µPD77018
µPD77018A
µPD77019
Internal instruction RAM
1.5K words
256 words
4K words
Internal instruction ROM
None
4K words
12K words
24K words
External instruction memory
48K words
None
Data RAM (X/Y memory)
2K words each
1K words each
2K words each
3K words each
Data ROM (X/Y memory)
None
2K words each
4K words each
12K words each
External data memory
48K words each
16K words each
Instruction cycle
(Maximum operation speed)
External clock
(at maximum operation speed)
Crystal
(at maximum operation speed)
Instruction
–
STOP instruction is added.
Serial interface (2 Channels)
Power supply
5V
3 V
Package
160-pin plastic QFP
100-pin plastic TQFP
Functional Differences among the
µPD7701× Family
Channel 1 has the
same functions
as channel 2.
Channel 1 has the same functions as that of the
µPD77016.
Channel 2 has no SORQ2 or SIAK2 pin (Channel 2 is used for CODEC connection).
33/16.5/8.25/4.125 MHz
Variable multiple rate (1, 2, 4, 8 ) by mask option.
66 MHz
52/ 26/ 17.333/ 13/6.5 MHz
Variable multiple rate (1, 2, 3, 4, 8 ) by
mask option.
52 MHz
30 ns (33 MHz)
19 ns (52 MHz)
–
33 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com