Electronic Components Datasheet Search
  English  ▼

X  

LTC1729 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1729
Description  Li-Ion Battery Charger Termination Controllers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1729 Datasheet(HTML) 1 Page - Linear Technology

  LTC1729 Datasheet HTML 1Page - Linear Technology LTC1729 Datasheet HTML 2Page - Linear Technology LTC1729 Datasheet HTML 3Page - Linear Technology LTC1729 Datasheet HTML 4Page - Linear Technology LTC1729 Datasheet HTML 5Page - Linear Technology LTC1729 Datasheet HTML 6Page - Linear Technology LTC1729 Datasheet HTML 7Page - Linear Technology LTC1729 Datasheet HTML 8Page - Linear Technology LTC1729 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1729 Series
s
Trickle Charge Preconditioning If Cell < 2.7V
s
Charging Enabled When 0
°C < T < 50°C
s
Built-In Termination: 3-Hour Time-Out
s
C/10 Detection with Status Indicator
s
Automatic Charger Present Detection
s
Automatic Battery Present Detection
s
1- or 2-Cell, 4.1V/Cell or 4.2V/Cell Options
s
Precision Internal 0.2% Voltage Feedback Divider
s
Compatible with LT1505/LT1510/LT1511/
LT1512/LT1513/LT1769
s
Small Footprint/Low Profile
The LTC
®1729 series is a family of smart termination
controllers for lithium-ion battery chargers. These ICs
provide trickle charge preconditioning, temperature charge
qualification, time or charge current termination, auto-
matic charger and battery detection and status output.
Combining the LTC1729 series part with the LT
®1510
(1.5A), LT1769 (2A), LT1511 (3A) and LT1505 (> 4A)
step-down chargers is a simple operation. Connecting six
pins from the LTC1729 series part to the step-down
chargers completes the integration. The LTC1729 termi-
nation controllers are also compatible with step-down/
step-up (SEPIC) chargers, including the LT1512 (2A switch)
and LT1513 (3A switch).
The LTC1729 series is available in the 8-pin MSOP and SO
packages.
s
Cellular Phones
s
PDAs
s
Cradle Chargers
s
Camcorders
Figure 1. 500kHz Li-Ion Cell Phone Charger (0.8A)
Li-Ion Battery Charger
Termination Controllers
October 1999
FEATURES
DESCRIPTION
APPLICATIONS
TYPICAL APPLICATION
, LTC and LT are registered trademarks of Linear Technology Corporation.
OVP
BAT
SENSE
GND
VCC
VC
STATUS
NTC
SW
SENSE
OVP
GND
BOOST
PROG
VC
BAT
1
2
3
4
8
7
6
5
LTC1729-4.2
LT1510-5
1
µF
0.22
µF
L1**
10
µH
0.1
µF
1729 F01
OPTION: TIE RESISTOR TO STATUS FOR
CHARGE TERMINATION AT
LOW CHARGING CURRENT
* TOKIN OR MARCON SURFACE MOUNT
** COILTRONICS TP3-100, 10
µH, 2.2mm HEIGHT
(0.8A CHARGING CURRENT)
COILTRONICS TP1 SERIES, 10
µH, 1.8mm
HEIGHT (<0.5A CHARGING CURRENT)
*** PANASONIC EEFCD1B220
† LUMEX SML-LX0805GW-TR
10k NTC THERMISTOR, NTHS1206N02 VISHAY/DALE
NOTE: EITHER A THERMISTOR OR 10k RESISTOR MUST BE PRESENT
0.1
µF
1
µF
1k
COUT***
22
µF
4.2V
200
Ω
300
Ω
6.19k
+
+
CIN*
10
µF
MBRM120T3
INPUT POWER
8.2V TO 20V
D1†
CHARGE STATUS
MBRM120T3
MMBD914L
VCC
1.4k
Final Electrical Specifications
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.


Similar Part No. - LTC1729

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1729 LINER-LTC1729 Datasheet
226Kb / 16P
Li-Ion Battery Charger Termination Controllers
LTC1729 LINER-LTC1729 Datasheet
231Kb / 16P
Li-Ion Battery Charger Termination Controllers
LTC1729CMS8-4.1 LINER-LTC1729CMS8-4.1 Datasheet
226Kb / 16P
Li-Ion Battery Charger Termination Controllers
LTC1729CMS8-4.2 LINER-LTC1729CMS8-4.2 Datasheet
226Kb / 16P
Li-Ion Battery Charger Termination Controllers
LTC1729CMS8-8.2 LINER-LTC1729CMS8-8.2 Datasheet
226Kb / 16P
Li-Ion Battery Charger Termination Controllers
More results

Similar Description - LTC1729

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
Li-Ion Battery Charger
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
Li-ion Battery Charger
May 16, 2007
logo
Linear Technology
LTC1729 LINER-LTC1729_1 Datasheet
226Kb / 16P
Li-Ion Battery Charger Termination Controllers
LTC1729 LINER-LTC1729_15 Datasheet
231Kb / 16P
Li-Ion Battery Charger Termination Controllers
logo
Intersil Corporation
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
Li-ion Battery Charger
Ver1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com