Electronic Components Datasheet Search
  English  ▼

X  

LTC1729 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1729
Description  Li-Ion Battery Charger Termination Controllers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1729 Datasheet(HTML) 4 Page - Linear Technology

  LTC1729 Datasheet HTML 1Page - Linear Technology LTC1729 Datasheet HTML 2Page - Linear Technology LTC1729 Datasheet HTML 3Page - Linear Technology LTC1729 Datasheet HTML 4Page - Linear Technology LTC1729 Datasheet HTML 5Page - Linear Technology LTC1729 Datasheet HTML 6Page - Linear Technology LTC1729 Datasheet HTML 7Page - Linear Technology LTC1729 Datasheet HTML 8Page - Linear Technology LTC1729 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1729 Series
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AC CHARACTERISTICS
TIMER1
Timer for Trickle-Charge Preconditioning
q
0.869
1
1.305
Hr
TIMER2
Timer for Charging
q
2.61
3
3.55
Hr
TIMER3
Timer for VMAX Filter
q
0.764
0.859
1.043
sec
TIMER4
Timer for VC/10 Filter
q
3.055
3.5
4.17
sec
TOSC
Oscillator Period
q
6.66
7.63
9.09
µs
OVP (Pin 1): Output from an Internal Precision Resistor
Divider Used as a Voltage Feedback Monitor for Constant-
Voltage Mode Charging.
BAT (Pin 2): Input to Battery Monitor Circuits and OVP
Resistor Divider. The battery monitor circuits activate
trickle charge preconditioning, battery present detection
and C/10 current detection. This pin is in a high impedance
state when VCC is below the undervoltage lockout thresh-
old. During trickle charge preconditioning and charging
the BAT pin sources 16mA and 1.3mA respectively. The
current sources are clamped from driving the BAT pin
above 4.5V/cell with an internal pull-down transistor.
In the No Bat, Done and Pause states or the Hold and Reset
modes, the current sources are turned off, leaving only the
55k OVP divider as a load on the BAT pin. Most chargers
have a 200
µA current source that will compensate for this
50
µA to 80µA load.
SENSE (Pin 3): Input to C/10 Current Detection Circuit.
This pin sinks 100
µAduringtheChargestatewhichisused
to program the C/10 current threshold.
GND (Pin 4): Ground.
NTC (Pin 5): Input to the NTC Thermistor Monitoring
Circuits. When the voltage on this pin is above 2.79V
(cold) or below 0.405V (hot), the state machine is locked
in the present state and the timer is stopped. This is called
the Hold mode. While in the Hold mode, the charger is
turned off via the VC pin and the current sources on BAT
and SENSE pins are turned off. The STATUS pin is not
affected.
PIN FUNCTIONS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
If the NTC pin is below 0.2V, the state machine is forced
in the reset mode with all the timers cleared to zero. The
current sources on the BAT pin and SENSE pin are
disabled leaving the 55k OVP divider. The STATUS pin is
pulled low in the Reset mode.
There is a 100
µA current source on the NTC pin to bias the
NTC thermistor. This current source is active while the VCC
is greater than the undervoltage lockout threshold.
STATUS (Pin 6): Open-Drain Output for C/10 Charge
Termination Detection Circuit. When in the Charge state,
this pin is pulled low. Once the charge current drops below
the C/10 current threshold for three seconds, the pull-
down transistor is disabled, and a 50
µA pull-down current
sink remains activated until the 1- or 3-hour time-out or
the battery or wall adapter is removed.
VC (Pin 7): Open-Drain Output for turning off the charger.
When this pin is open circuit, the charger is active.
Normally this pin allows the charger to be active for three
hours.
VCC (Pin 8): Input Supply. For 4.1V or 4.2V single cell
operation, VCC should be between 8V and 28V with the IC
turning off when VCC drops below 6V. For 2-cell applica-
tions, the undervoltage lockout is 10.4V with a minimum
VCC of 12V. Removing the wall adapter will trigger an
undervoltage lockout and put the part in a high impedance
condition. When the supply is connected, the part is
initialized in the Reset mode with the state machine forced
in the Charge state with all the timers set to zero.
Note 2: VIN = 8V for LTC1729-4.1/LTC1729-4.2; VIN = 12V for
LTC1729-8.2/LTC1729-8.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com