Electronic Components Datasheet Search
  English  ▼

X  

LTC1729 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1729
Description  Li-Ion Battery Charger Termination Controllers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1729 Datasheet(HTML) 5 Page - Linear Technology

  LTC1729 Datasheet HTML 1Page - Linear Technology LTC1729 Datasheet HTML 2Page - Linear Technology LTC1729 Datasheet HTML 3Page - Linear Technology LTC1729 Datasheet HTML 4Page - Linear Technology LTC1729 Datasheet HTML 5Page - Linear Technology LTC1729 Datasheet HTML 6Page - Linear Technology LTC1729 Datasheet HTML 7Page - Linear Technology LTC1729 Datasheet HTML 8Page - Linear Technology LTC1729 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1729 Series
BLOCK DIAGRA
BAT
3
2
OVP
1
NTC 5
SENSE
STATUS
100
µA
1729 F02
6
VC
7
COMP1
–
+
COMP4
UVLO
2.465V
2.79V
100
µA
1.3mA
16mA
4.5V/CELL
CLAMP
–
+
COMP2
4.5V/CELL
–
+
COMP3
VMIN
VMAX
C/10
HOLD
RESET
2.7V/CELL
–
+
COMP5
0.405V
–
+
COMP6
0.2V
LOGIC
AND
TIMER
UVLO
M1
M2
M3
50
µA
Figure 2. Block Diagram
APPLICATIONS INFORMATION
Overview
The LTC1729 is a charge termination controller for the
LT1505/LT1510/LT1511/LT1512/LT1513/LT1769 con-
stant-voltage/constant-current battery charger family.
Table 1 details these chargers. The primary function of this
IC is to stop the charger after three hours of constant-
voltage/constant-current charging. The secondary func-
tion of this controller includes an indication when the
charge current (during constant-voltage mode) drops
below a user-selected threshold. A 500kHz Li-Ion cell
phone charger is shown in Figure 1. The LTC1729 only
needs six external components when combined with the
standard LT1510 application. The LTC1729 provides a
complete and tiny solution for cellular phones and other
portable applications.
Table 1. Battery Chargers
LT1505
4A Step-Down Charger with Input Current Limit
LT1510
1.5A Step-Down Charger
LT1510-5
1.5A 500kHz Step-Down Charger
LT1511
3A Step-Down Charger with Input Current Limit
LT1512
2A Switch SEPIC Charger
LT1513
3A Switch SEPIC Charger
LT1769
2A Step-Down Charger with Input Current Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com