Electronic Components Datasheet Search
  English  ▼

X  

LTC1729 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1729
Description  Li-Ion Battery Charger Termination Controllers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1729 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1729 Datasheet HTML 3Page - Linear Technology LTC1729 Datasheet HTML 4Page - Linear Technology LTC1729 Datasheet HTML 5Page - Linear Technology LTC1729 Datasheet HTML 6Page - Linear Technology LTC1729 Datasheet HTML 7Page - Linear Technology LTC1729 Datasheet HTML 8Page - Linear Technology LTC1729 Datasheet HTML 9Page - Linear Technology LTC1729 Datasheet HTML 10Page - Linear Technology LTC1729 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1729 Series
APPLICATIONS INFORMATION
VMAX = 1V
VMIN = 0V
4.5V/CELL
BATTERY CLAMP
PULL-DOWN
ON
VMAX = 0V
VMIN = 0V
2.7V/CELL
NORMAL CHARGE
VMAX = 0V
VMIN = 1V
TRICKLE CHARGE
PRECONDITIONING
1729 F04
HOLD MODE
2.79V
HOLD MODE
0.2V
RESET MODE
NORMAL CHARGE
0.405V
1729 F05
The logic and timer block consists of a state machine,
oscillator and counter. The state machine will be dis-
cussed in detail in the next section. The oscillator is
internally trimmed to 131kHz. The counter is composed of
a chain of 25 flip-flops that includes self-test circuitry.
State Machine
The state machine is responsible for the following items:
1. When to start and stop the charger. The internal timer
must be initialized every time a new battery is installed
or when the input supply is applied.
2. When a battery is installed, the state machine must
determine if it is a new battery or if the previous battery
has been reinstalled.
Figure 4. BAT Voltage Operating Range
Figure 5. NTC Voltage Operating Range
When the input supply is removed in step-down charger
designs, the VCC pin does not drop to 0V, but is held to a
diode drop below the battery voltage. This is due to the
internal parasitic diode from the SW pin to the VCC pin that
is present in the LT1510, LT1511, LT1769, and the body
diode of the top MOSFET in the LT1505 charger. Removing
the input supply will result in the VCC pin dropping below
the UVLO threshold, thus shutting down the LTC1729 and
minimizing battery drain. Once the input supply is con-
nected, the LTC1729 resets the timers and begins another
charge cycle. There is a disconnect transistor that will
remove the OVP resistor divider from the battery when the
VCC voltage drops below the UVLO threshold.
RESET MODE
IBAT = 0
STATUS = PULL-DOWN
VC = PULL-DOWN
PAUSE
IBAT = 0
STATUS = PULL-DOWN
VC = PULL-DOWN
DONE
IBAT = 0
STATUS = OPEN
VC = PULL-DOWN
NO BAT
IBAT = 0
STATUS = OPEN
VC = PULL-DOWN
HOLD MODE
IBAT = 0
STATUS = PREVIOUS STATUS
VC = PULL-DOWN
PRECONDITION
IBAT = 16mA
STATUS = PULL-DOWN
VC = PULL-DOWN
tMAX = 1HR
VBAT < VMIN
VBAT > VMIN
VBAT > VMAX
TIME > tMAX
1729 F06
NOTE: FOR STATUS
PULL-DOWN = HARD:
FOR CURRENT > C/10
PULL-DOWN = 50
µA:
FOR CURRENT < C/10 FOR 3SEC
VBAT < VMAX
FOR MORE THAN 1SEC
VBAT < VMAX
FOR MORE THAN 1SEC
VBAT > VMAX
FOR MORE THAN 1SEC
VBAT > VMAX
FOR MORE THAN 1SEC
VNTC > 2.79V OR
VNTC < 0.405V
VNTC < 2.79V AND
VNTC > 0.405V
VBAT > VMIN
VBAT < VMIN
CHARGER “ON”
IBAT = 1.3mA
STATUS = PULL-DOWN
VC = OPEN
tMAX = 3HR
CHARGE
Figure 6. State Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com