Electronic Components Datasheet Search
  English  ▼

X  

LTC1772 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1772
Description  Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1772 Datasheet(HTML) 1 Page - Linear Technology

  LTC1772 Datasheet HTML 1Page - Linear Technology LTC1772 Datasheet HTML 2Page - Linear Technology LTC1772 Datasheet HTML 3Page - Linear Technology LTC1772 Datasheet HTML 4Page - Linear Technology LTC1772 Datasheet HTML 5Page - Linear Technology LTC1772 Datasheet HTML 6Page - Linear Technology LTC1772 Datasheet HTML 7Page - Linear Technology LTC1772 Datasheet HTML 8Page - Linear Technology LTC1772 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1772
Constant Frequency
Current Mode Step-Down
DC/DC Controller in SOT-23
September 1999
FEATURES
DESCRIPTION
The LTC
®1772 is a constant frequency current mode step-
down DC/DC controller providing excellent AC and DC load
and line regulation. The device incorporates an accurate
undervoltage lockout feature that shuts down the LTC1772
when the input voltage falls below 2.0V.
The LTC1772 boasts a
±2.5%outputvoltageaccuracyand
consumes only 270
µA of quiescent current. For applica-
tions where efficiency is a prime consideration, the LTC1772
is configured for Burst Mode operation, which enhances
efficiency at low output current.
To further maximize the life of a battery source, the
external P-channel MOSFET is turned on continuously in
dropout (100% duty cycle). In shutdown, the device draws
a mere 8
µA. High constant operating frequency of 550kHz
allows the use of a small external inductor.
The LTC1772 is available in a small footprint 6-lead
SOT-23.
Figure 1. High Efficiency Step-Down Converter
APPLICATIONS
s
One or Two Lithium-Ion-Powered Applications
s
Cellular Telephones
s
Wireless Modems
s
Portable Computers
s
Distributed 3.3V, 2.5V or 1.8V Power Systems
s
Scanners
s
High Efficiency: Up to 94%
s
High Output Currents Easily Achieved
s
Wide VIN Range: 2.5V to 9.8V
s
Constant Frequency 550kHz Operation
s
Burst Mode
TM Operation at Light Load
s
Low Dropout: 100% Duty Cycle
s
0.8V Reference Allows Low Output Voltages
s
Current Mode Operation for Excellent Line and Load
Transient Response
s
Low Quiescent Current: 270
µA
s
Shutdown Mode Draws Only 8
µA Supply Current
s
±2.5% Reference Accuracy
s
Tiny 6-Lead SOT-23 Package
TYPICAL APPLICATION
Efficiency vs Load Current
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a trademark of Linear Technology Corporation.
ITH/RUN
LTC1772
10k
R1
0.03
Ω
169k
78.7k
L1
4.7
µH
M1
D1
220pF
C1: TAIYO YUDEN CERAMIC EMK325BJ106MNT
C2: SANYO POSCAP 6TPA47M
D1: IR10BQ015
L1: MURATA LQN6C-4R7
M1: Si3443DV
R1: DALE 0.25W
GND
VFB
6
5
4
1772 F01a
1
2
3
PGATE
VIN
SENSE–
C1
10
µF
16V
VIN
2.5V
TO 9.8V
VOUT
2.5V
2A
C2
47
µF
6V
+
LOAD CURRENT (mA)
60
80
100
50
70
90
1
100
1000
10000
1772 F01b
40
10
VIN = 3.3V
VIN = 4.2V
VIN = 8.4V
VOUT = 2.5V
RSENSE = 0.03Ω
VIN = 9.8V
VIN = 6V
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Final Electrical Specifications


Similar Part No. - LTC1772

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1772 LINER-LTC1772 Datasheet
167Kb / 12P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772 LINER-LTC1772 Datasheet
254Kb / 24P
Wide Operating Range, No RSENSE Step-Down Controller
LTC1772 LINER-LTC1772 Datasheet
179Kb / 12P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772B LINER-LTC1772B Datasheet
196Kb / 12P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772B LINER-LTC1772B Datasheet
228Kb / 16P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
More results

Similar Description - LTC1772

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1872 LINER-LTC1872 Datasheet
182Kb / 12P
Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23
LTC1874 LINER-LTC1874 Datasheet
180Kb / 12P
Dual Constant Frequency Current Mode Step-Down DC/DC Controller
LTC1772B LINER-LTC1772B Datasheet
196Kb / 12P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
logo
Analog Devices
ADP1864 AD-ADP1864 Datasheet
264Kb / 16P
Constant Frequency Current-Mode Step-Down DC/DC Controller in TSOT
10/05-Revision 0
logo
Linear Technology
LTC1772 LINER-LTC1772_1 Datasheet
167Kb / 12P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772B LINER-LTC1772B_1 Datasheet
228Kb / 16P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1872 LINER-LTC1872_15 Datasheet
193Kb / 12P
Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23
LTC1874 LINER-LTC1874_15 Datasheet
191Kb / 12P
Dual Constant Frequency Current Mode Step-Down DC/DC Controller
LTC1772 LINER-LTC1772_15 Datasheet
179Kb / 12P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772B LINER-LTC1772B_15 Datasheet
226Kb / 16P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com