Electronic Components Datasheet Search
  English  ▼

X  

LTC1772 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1772
Description  Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1772 Datasheet(HTML) 2 Page - Linear Technology

  LTC1772 Datasheet HTML 1Page - Linear Technology LTC1772 Datasheet HTML 2Page - Linear Technology LTC1772 Datasheet HTML 3Page - Linear Technology LTC1772 Datasheet HTML 4Page - Linear Technology LTC1772 Datasheet HTML 5Page - Linear Technology LTC1772 Datasheet HTML 6Page - Linear Technology LTC1772 Datasheet HTML 7Page - Linear Technology LTC1772 Datasheet HTML 8Page - Linear Technology LTC1772 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1772
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Input Supply Voltage (VIN).........................– 0.3V to 10V
SENSE –, PGATE Voltages ............. – 0.3V to (VIN + 0.3V)
VFB, ITH/RUN Voltages ..............................–0.3V to 2.4V
PGATE Peak Output Current (< 10
µs) ....................... 1A
Storage Ambient Temperature Range ... – 65
°C to 150°C
Operating Temperature Range (Note 2) ....... 0
°C to 70°C
Junction Temperature (Note 3) ............................. 150
°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
PACKAGE/ORDER INFORMATION
TJMAX = 150°C, θJA = 230°C/ W
S6 PART MARKING
ORDER PART
NUMBER
LTC1772CS6
LTIL
Consult factory for Industrial and Military grade parts.
ELECTRICAL CHARACTERISTICS The q denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VIN = 4.2V unless otherwise specified. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input DC Supply Current
Typicals at VIN = 4.2V (Note 4)
Normal Operation
2.4V
≤ VIN ≤ 9.8V
270
420
µA
Sleep Mode
2.4V
≤ VIN ≤ 9.8V
230
370
µA
Shutdown
2.4V
≤ VIN ≤ 9.8V, VITH/RUN = 0V
8
22
µA
UVLO
VIN < UVLO Threshold
6
10
µA
Undervoltage Lockout Threshold
VIN Falling
q
1.6
2.0
2.3
V
VIN Rising
1.85
2.3
2.5
V
Shutdown Threshold (at ITH/RUN)
q
0.2
0.35
0.5
V
Start-Up Current Source
VITH/RUN = 0V
0.25
0.5
0.85
µA
Regulated Feedback Voltage
(Note 5)
q
0.780
0.800
0.820
V
Output Voltage Line Regulation
2.4V
≤ VIN ≤ 9.8V (Note 5)
0.05
mV/V
Output Voltage Load Regulation
ITH/RUN Sinking 5µA (Note 5)
2.5
mV/
µA
ITH/RUN Sourcing 5µA (Note 5)
2.5
mV/
µA
VFB Input Current
(Note 5)
10
50
nA
Overvoltage Protect Threshold
Measured at VFB
0.820
0.860
0.895
V
Overvoltage Protect Hysteresis
20
mV
Oscillator Frequency
VFB = 0.8V
500
550
650
kHz
VFB = 0V
120
kHz
Gate Drive Rise Time
CLOAD = 3000pF
40
ns
Gate Drive Fall Time
CLOAD = 3000pF
40
ns
Maximum Current Sense Voltage
120
mV
ITH/RUN 1
GND 2
VFB 3
6 PGATE
5 VIN
4 SENSE–
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC SOT-23
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC1772 is guaranteed to meet specified performance over
the 0
°C to 70°C operating temperature range.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD • θJ°C/W)
Note 4: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency.
Note 5: The LTC1772 is tested in a feedback loop that servos VFB to the
output of the error amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com