Electronic Components Datasheet Search
  English  ▼

X  

LTC1772 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1772
Description  Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1772 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1772 Datasheet HTML 3Page - Linear Technology LTC1772 Datasheet HTML 4Page - Linear Technology LTC1772 Datasheet HTML 5Page - Linear Technology LTC1772 Datasheet HTML 6Page - Linear Technology LTC1772 Datasheet HTML 7Page - Linear Technology LTC1772 Datasheet HTML 8Page - Linear Technology LTC1772 Datasheet HTML 9Page - Linear Technology LTC1772 Datasheet HTML 10Page - Linear Technology LTC1772 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC1772
APPLICATIONS INFORMATION
or Kool Mu
® cores. Actual core loss is independent of core
size for a fixed inductor value, but it is very dependent on
inductance selected. As inductance increases, core losses
go down. Unfortunately, increased inductance requires
more turns of wire and therefore copper losses will
increase. Ferrite designs have very low core losses and are
preferred at high switching frequencies, so design goals
can concentrate on copper loss and preventing saturation.
Ferrite core material saturates “hard,” which means that
inductance collapses abruptly when the peak design cur-
rent is exceeded. This results in an abrupt increase in
inductor ripple current and consequent output voltage
ripple. Do not allow the core to saturate!
Molypermalloy (from Magnetics, Inc.) is a very good, low
loss core material for toroids, but it is more expensive than
ferrite. A reasonable compromise from the same manu-
facturer is Kool Mu. Toroids are very space efficient,
especially when you can use several layers of wire.
Because they generally lack a bobbin, mounting is more
difficult. However, new designs for surface mount that do
not increase the height significantly are available.
Power MOSFET Selection
An external P-channel power MOSFET must be selected
for use with the LTC1772. The main selection criteria for
the power MOSFET are the threshold voltage VGS(TH) and
the “on” resistance RDS(ON), reverse transfer capaci-
tance CRSS and total gate charge.
Since the LTC1772 is designed for operation down to low
input voltages, a sublogic level threshold MOSFET (RDS(ON)
guaranteed at VGS = 2.5V) is required for applications that
work close to this voltage. When these MOSFETs are used,
make sure that the input supply to the LTC1772 is less than
the absolute maximum VGS rating, typically 8V.
The required minimum RDS(ON) of the MOSFET is gov-
erned by its allowable power dissipation. For applications
that may operate the LTC1772 in dropout, i.e., 100% duty
cycle, at its worst case the required RDS(ON) is given by:
R
P
Ip
DS ON
P
OUT MAX
DC
()
()
%
=
= () +()
100
2
1
δ
where PP is the allowable power dissipation and δp is the
temperature dependency of RDS(ON). (1 + δp) is generally
given for a MOSFET in the form of a normalized RDS(ON) vs
temperature curve, but
δp = 0.005/°C can be used as an
approximation for low voltage MOSFETs.
In applications where the maximum duty cycle is less than
100% and the LTC1772 is in continuous mode, the RDS(ON)
is governed by:
R
P
DC I
p
DS ON
P
OUT
() ≅
()
+
()
2 1 δ
where DC is the maximum operating duty cycle of the
LTC1772.
Output Diode Selection
The catch diode carries load current during the off-time.
The average diode current is therefore dependent on the
P-channel switch duty cycle. At high input voltages the
diode conducts most of the time. As VIN approaches VOUT
the diode conducts only a small fraction of the time. The
most stressful condition for the diode is when the output
is short-circuited. Under this condition the diode must
safely handle IPEAK at close to 100% duty cycle. Therefore,
it is important to adequately specify the diode peak current
and average power dissipation so as not to exceed the
diode ratings.
Under normal load conditions, the average current con-
ducted by the diode is:
I
VV
VV
I
D
IN
OUT
IN
D
OUT
=
−
+


The allowable forward voltage drop in the diode is calcu-
lated from the maximum short-circuit current as:
V
P
I
F
D
SC MAX
≈
()
where PD is the allowable power dissipation and will be
determined by efficiency and/or thermal requirements.
Kool Mu is a registered trademark of Magnetics, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com