Electronic Components Datasheet Search
  English  ▼

X  

LTC1772 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1772
Description  Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1772 Datasheet(HTML) 5 Page - Linear Technology

  LTC1772 Datasheet HTML 1Page - Linear Technology LTC1772 Datasheet HTML 2Page - Linear Technology LTC1772 Datasheet HTML 3Page - Linear Technology LTC1772 Datasheet HTML 4Page - Linear Technology LTC1772 Datasheet HTML 5Page - Linear Technology LTC1772 Datasheet HTML 6Page - Linear Technology LTC1772 Datasheet HTML 7Page - Linear Technology LTC1772 Datasheet HTML 8Page - Linear Technology LTC1772 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1772
OPERATIO
(Refer to Functional Diagram)
up, the corresponding output current trip level follows,
allowing normal operation.
Comparator OVP guards against transient overshoots
> 7.5% by turning off the external P-channel power
MOSFET and keeping it off until the fault is removed.
Burst Mode Operation
The LTC1772 enters Burst Mode operation at low load
currents. In this mode, the peak current of the inductor is
set as if VITH/RUN = 1V (at low duty cycles) even though
the voltage at the ITH/RUN pin is at a lower value. If the
inductor’s average current is greater than the load require-
ment, the voltage at the ITH/RUN pin will drop. When the
ITH/RUN voltage goes below 0.85V, the sleep signal goes
high, turning off the external MOSFET. The sleep signal
goes low when the ITH/RUN voltage goes above 0.925V
and the LTC1772 resumes normal operation. The next
oscillator cycle will turn the external MOSFET on and the
switching cycle repeats.
Dropout Operation
When the input supply voltage decreases towards the
output voltage, the rate of change of inductor current
during the ON cycle decreases. This reduction means that
the external P-channel MOSFET will remain on for more
than one oscillator cycle since the inductor current has not
ramped up to the threshold set by EAMP. Further reduc-
tion in input supply voltage will eventually cause the
P-channel MOSFET to be turned on 100%, i.e., DC. The
output voltage will then be determined by the input voltage
minus the voltage drop across the MOSFET, the sense
resistor and the inductor.
Undervoltage Lockout
To prevent operation of the P-channel MOSFET below safe
input voltage levels, an undervoltage lockout is incorpo-
rated into the LTC1772. When the input supply voltage
drops below approximately 2.0V, the P-channel MOSFET
and all circuitry is turned off except the undervoltage
block, which draws only several microamperes.
Figure 2. Maximum Output Current vs Duty Cycle
DUTY CYCLE (%)
110
100
90
80
70
60
50
40
30
20
10
1772 F02
0
70 80 90 100
60
10
20 30
40 50
IRIPPLE = 0.4IPK
AT 5% DUTY CYCLE
IRIPPLE = 0.2IPK
AT 5% DUTY CYCLE
VIN = 4.2V
Short-Circuit Protection
When the output is shorted to ground, the frequency of the
oscillator will be reduced to about 120kHz. This lower
frequency allows the inductor current to safely discharge,
thereby preventing current runaway. The oscillator’s fre-
quency will gradually increase to its designed rate when
the feedback voltage again approaches 0.8V.
Overvoltage Protection
As a further protection, the overvoltage comparator in the
LTC1772 will turn the external MOSFET off when the
feedback voltage has risen 7.5% above the reference
voltage of 0.8V. This comparator has a typical hysteresis
of 20mV.
Slope Compensation and Inductor’s Peak Current
The inductor’s peak current is determined by:
I
V
R
PK
ITH
SENSE
=
()
10
when the LTC1772 is operating below 40% duty cycle.
However, once the duty cycle exceeds 40%, slope com-
pensation begins and effectively reduces the peak induc-
tor current. The amount of reduction is given by the curves
in Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com