Electronic Components Datasheet Search
  English  ▼

X  

LTC1775 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1775
Description  High Power No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1775 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1775 Datasheet HTML 5Page - Linear Technology LTC1775 Datasheet HTML 6Page - Linear Technology LTC1775 Datasheet HTML 7Page - Linear Technology LTC1775 Datasheet HTML 8Page - Linear Technology LTC1775 Datasheet HTML 9Page - Linear Technology LTC1775 Datasheet HTML 10Page - Linear Technology LTC1775 Datasheet HTML 11Page - Linear Technology LTC1775 Datasheet HTML 12Page - Linear Technology LTC1775 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
LTC1775
The basic LTC1775 application circuit is shown in Figure 1.
External component selection is primarily determined by
the maximum load current and begins with the selection of
the sense resistance for the desired current level. Since the
LTC1775 senses current using the on-resistance of the
power MOSFET, the maximum application current prima-
rily determines the choice of MOSFET. The operating
frequency and the inductor are chosen based largely on
the desired amount of ripple current. Finally, CIN is se-
lected for its ability to handle the RMS current into the
converter and COUT is chosen with low enough ESR to
meet the output voltage ripple specification.
Power MOSFET Selection
The LTC1775 requires two external N-channel power
MOSFETs, one for the top (main) switch and one for the
bottom (synchronous) switch. Important parameters for
the power MOSFETs are the breakdown voltage V(BR)DSS,
threshold voltage VGS(TH), on-resistance RDS(ON), reverse
transfer capacitance CRSS and maximum current ID(MAX).
The gate drive voltage is set by the 5.2V INTVCC supply.
Consequently, logic level threshold MOSFETs must be
used in LTC1775 applications. If low input voltage opera-
tion is expected (VIN < 5V), then sub-logic level threshold
MOSFETs should be used. Pay close attention to the
V(BR)DSS specification for the MOSFETs as well; many of
the logic level MOSFETs are limited to 30V or less.
The MOSFET on-resistance is chosen based on the
required load current. The maximum average output cur-
rent IO(MAX) is equal to the peak inductor current less half
the peak-to-peak ripple current
∆IL. The peak inductor
current is inherently limited in a current mode controller
by the current threshold ITH range. The corresponding
maximum VDS sense voltage is about 300mV under nor-
mal conditions. The LTC1775 will not allow peak inductor
current to exceed 300mV/RDS(ON)(TOP). The following
equation is a good guide for determining the required
RDS(ON)(MAX) at 25°C (manufacturer’s specification), al-
lowing some margin for ripple current, current limit and
variations in the LTC1775 and external component values:
R
mV
I
DS ON MAX
O MAX
T
()(
)
()
≅ ()()
240
ρ
The
ρT is a normalized term accounting for the significant
variation in RDS(ON) with temperature, typically about
0.4%/
°C as shown in Figure 2. Junction to ambient tem-
perature TJA is around 20°C in most applications. For a
maximum ambient temperature of 70
°C, using ρ90°C≅1.3
in the above equation is a reasonable choice. This equation
is plotted in Figure 3 to illustrate the dependence of
maximum output current on RDS(ON). Some popular
MOSFETs are shown as data points.
Figure 2. RDS(ON) vs Temperature
Figure 3. Maximum Output Current vs RDS(ON) at VGS = 4.5V
The 300mV maximum sense voltage of the LTC1775
allows a large current to be obtained from power MOSFET
switches. It also causes a significant amount of power
dissipation in those switches and careful attention must be
JUNCTION TEMPERATURE (
°C)
–50
1.0
1.5
150
1775 F02
0.5
0
0
50
100
2.0
RDS(ON) (Ω)
0
15
20
25
0.08
1775 F03
10
5
0
0.02
0.04
0.06
0.10
IRL3803
SUD50N03-10
FDS8936A
Si9936
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com