Electronic Components Datasheet Search
  English  ▼

X  

LTC1775 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1775
Description  High Power No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1775 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1775 Datasheet HTML 13Page - Linear Technology LTC1775 Datasheet HTML 14Page - Linear Technology LTC1775 Datasheet HTML 15Page - Linear Technology LTC1775 Datasheet HTML 16Page - Linear Technology LTC1775 Datasheet HTML 17Page - Linear Technology LTC1775 Datasheet HTML 18Page - Linear Technology LTC1775 Datasheet HTML 19Page - Linear Technology LTC1775 Datasheet HTML 20Page - Linear Technology LTC1775 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
LTC1775
losses ranging from 2% to 8% as the output current
increases from 0.5A to 2A for a 5V output. I2R losses
cause the efficiency to drop at high output currents.
3. Transition losses apply only to the topside MOSFET,
and only when operating at high input voltages (typi-
cally 20V or greater). Transition losses can be esti-
mated from:
Transition Loss = (1.7)(VIN2)(IO(MAX))(CRSS)(f)
4. LTC1775 VIN supply current. The VIN current is the DC
supply current to the controller excluding MOSFET gate
drive current. Total supply current is typically about
850
µA. If EXTVCC is connected to 5V, the LTC1775 will
draw only 330
µA from VINandtheremaining520µAwill
come from EXTVCC. VIN current results in a small
(< 1%) loss which increases with VIN.
Other losses including CIN and COUT ESR dissipative
losses, Schottky conduction losses during dead time and
inductor core losses, generally account for less than 2%
total additional loss.
Checking Transient Response
The regulator loop response can be checked by looking at
the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to (
∆ILOAD)(ESR), where ESR is the effective series
resistance of COUT, and COUT begins to charge or dis-
charge. The regulator loop acts on the resulting feedback
error signal to return VOUT to its steady-state value. During
this recovery time VOUT can be monitored for overshoot or
ringing which would indicate a stability problem. The ITH
pin external components shown in Figure 1 will provide
adequate compensation for most applications.
A second, more severe transient is caused by connecting
loads with large (> 1
µF) supply bypass capacitors. The
discharged bypass capacitors are effectively put in parallel
with COUT, causing a rapid drop in VOUT. No regulator can
deliver enough current to prevent this problem if the load
switch resistance is low and it is driven quickly. The only
solution is to limit the rise time of the switch drive in order
to limit the inrush current to the load.
cycle skipping can occur with correspondingly larger
current and voltage ripple.
Efficiency Considerations
The efficiency of a switching regulator is equal to the
output power divided by the input power (
×100%). Per-
cent efficiency can be expressed as:
%Efficiency = 100% – (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a percentage
of input power. It is often useful to analyze individual
losses to determine what is limiting the efficiency and
which change would produce the most improvement.
Although all dissipative elements in the circuit produce
losses, four main sources usually account for most of the
losses in LTC1775 circuits:
1. INTVCC current. This is the sum of the MOSFET driver
and control currents. The driver current results from
switching the gate capacitance of the power MOSFETs.
Each time a MOSFET gate is switched on and then off,
a packet of gate charge Qg moves from INTVCC to
ground. The resulting current out of INTVCC is typically
much larger than the control circuit current. In continu-
ous mode, IGATECHG = f(Qg(TOP) + Qg(BOT)).
By powering EXTVCC from an output-derived source,
the additional VIN current resulting from the driver and
control currents will be scaled by a factor of Duty Cycle/
Efficiency. For example, in a 20V to 5V application at
400mA load, 10mA of INTVCC current results in ap-
proximately 3mA of VIN current. This reduces the loss
from 10% (if the driver was powered directly from VIN)
to about 3%.
2. DC I2R Losses. Since there is no separate sense resis-
tor, DC I2R losses arise only from the resistances of the
MOSFETs and inductor. In continuous mode the aver-
age output current flows through L, but is “chopped”
between the top MOSFET and the bottom MOSFET. If
the two MOSFETs have approximately the same RDS(ON),
then the resistance of one MOSFET can simply be
summed with the resistance of L to obtain the DC I2R
loss. For example, if each RDS(ON) = 0.05Ω and RL =
0.15
Ω, then the total resistance is 0.2Ω. This results in
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com