Electronic Components Datasheet Search
  English  ▼

X  

LTC1775 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1775
Description  High Power No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1775 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1775 Datasheet HTML 10Page - Linear Technology LTC1775 Datasheet HTML 11Page - Linear Technology LTC1775 Datasheet HTML 12Page - Linear Technology LTC1775 Datasheet HTML 13Page - Linear Technology LTC1775 Datasheet HTML 14Page - Linear Technology LTC1775 Datasheet HTML 15Page - Linear Technology LTC1775 Datasheet HTML 16Page - Linear Technology LTC1775 Datasheet HTML 17Page - Linear Technology LTC1775 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
LTC1775
EXTVCC Connection
The LTC1775 contains an internal P-channel MOSFET
switch connected between the EXTVCC and INTVCC pins.
Whenever the EXTVCC pin is above 4.7V the internal 5.2V
regulator shuts off, the switch closes and INTVCC power is
supplied via EXTVCC until EXTVCC drops below 4.5V. This
allows the MOSFET gate drive and control power to be
derived from the output or other external source during
normal operation. When the output is out of regulation
(start-up, short circuit) power is supplied from the internal
regulator. Do not apply greater than 7V to the EXTVCC pin
and ensure that EXTVCC ≤ VIN.
Significant efficiency gains can be realized by powering
INTVCC from the output, since the VIN current supplying
the driver and control currents will be scaled by a factor of
Duty Cycle/Efficiency. For 5V regulators this simply means
connecting the EXTVCC pin directly to VOUT. However, for
3.3V and other lower voltage regulators, additional cir-
cuitry is required to derive INTVCC power from the output.
The following list summarizes the four possible connec-
tions for EXTVCC:
1. EXTVCC left open (or grounded). This will cause INTVCC
to be powered from the internal 5.2V regulator resulting
in a low current efficiency penalty of up to 10% at high
input voltages.
2. EXTVCC connected directly to VOUT. This is the normal
connection for a 5V regulator and provides the highest
efficiency.
D1
6.8V
R1
1775 F06
Q1
EXTVCC
VIN
Figure 6. EXTVCC Power Supplied from VIN
3. EXTVCC connected to an output-derived boost network.
For 3.3V and other low voltage regulators, efficiency
gains can still be realized by connecting EXTVCC to an
output-derived voltage which has been boosted to
greater than 4.7V. This can be done with either an
inductive boost winding as shown in Figure 5a or a
capacitive charge pump as shown in Figure 5b.
4. EXTVCC connected to an external supply. If an external
supply is available in the 5V to 7V range (EXTVCC < VIN),
it may be used to power EXTVCC.
Figure 6 shows how one can easily generate a suitable
EXTVCC voltage from VIN. This circuit still derives the gate
drive current from VIN, but it removes the power dissipa-
tion from the LTC1775 internal regulator and increases the
gate drive voltage.
Figure 5a: Secondary Output Loop and EXTVCC Connection
Figure 5b: Capacitive Charge Pump for EXTVCC
VIN
TK
LTC1775
SGND
FCB
EXTVCC
TG
SW
OPTIONAL
EXTVCC
CONNECTION
5V < VSEC < 7V
R3
R4
1775 F05a
T1
1:N
BG
PGND
+
CSEC
1
µF
VOUT
VSEC
VIN
+
CIN
1N4148
• +
COUT
VIN
TK
LTC1775
EXTVCC
VPUMP ≈ 2(VOUT – VD) < 7V
TG
SW
1775 F05b
L1
BG
PGND
+
COUT
VOUT
BAT85
BAT85
BAT85
VN2222LL
VIN
+
CIN
+
1
µF
0.22
µF
Note that RDS(ON) also varies with the gate drive level. If
gate drives other than the 5.2V INTVCC are used, this must
be accounted for when selecting the MOSFET RDS(ON).
Particular care should be taken with applications where
EXTVCC is connected to the output. When the output
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com