Electronic Components Datasheet Search
  English  ▼

X  

LTC1775 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1775
Description  High Power No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1775 Datasheet(HTML) 1 Page - Linear Technology

  LTC1775 Datasheet HTML 1Page - Linear Technology LTC1775 Datasheet HTML 2Page - Linear Technology LTC1775 Datasheet HTML 3Page - Linear Technology LTC1775 Datasheet HTML 4Page - Linear Technology LTC1775 Datasheet HTML 5Page - Linear Technology LTC1775 Datasheet HTML 6Page - Linear Technology LTC1775 Datasheet HTML 7Page - Linear Technology LTC1775 Datasheet HTML 8Page - Linear Technology LTC1775 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LTC1775
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATION
High Power
No RSENSE
TM Current Mode
Synchronous Step-Down
Switching Regulator
s
Highest Efficiency Current Mode Controller
s
No Sense Resistor Required
s
300mV Maximum Current Sense Voltage
s
Stable High Current Operation
s
Dual N-Channel MOSFET Synchronous Drive
s
Wide VIN Range: 4V to 36V
s
Wide VOUT Range: 1.19V to VIN
s
±1% 1.19V Reference
s
Programmable Fixed Frequency with Injection Lock
s
Very Low Drop Out Operation: 99% Duty Cycle
s
Forced Continuous Mode Control Pin
s
Optional Programmable Soft Start
s
Pin Selectable Output Voltage
s
Foldback Current Limit
s
Output Overvoltage Protection
s
Logic Controlled Micropower Shutdown: IQ < 30µA
s
Available in 16-Lead Narrow SSOP and SO Packages
The LTC
®1775 is a synchronous step-down switching
regulator controller that drives external N-channel power
MOSFETs using few external components. Current mode
control with MOSFET VDS sensing eliminates the need for
a sense resistor and improves efficiency. Largely similar
to the LTC1625, the LTC1775 has twice the maximum
sense voltage for high current applications. The frequency
of a nominal 150kHz internal oscillator can be synchro-
nized to an external clock over a 1.5:1 frequency range.
Burst Mode
TM operation at low load currents reduces
switching losses and low dropout operation extends oper-
ating time in battery-powered systems. A forced continu-
ous mode control pin can assist secondary winding
regulation by disabling Burst Mode operation when the
main output is lightly loaded.
Fault protection is provided by foldback current limiting
and an output overvoltage comparator. An external ca-
pacitor attached to the RUN/SS pin provides soft start
capability for supply sequencing. A wide supply range
allows operation from 4V (4.3V for LTC1775I) to 36V at the
input and 1.19V to VIN at the output.
Figure 1. High Efficiency Step-Down Converter
Efficiency vs Load Current
s
Notebook Computers
s
Automotive Electronics
s
Battery Chargers
s
Distributed Power Systems
, LTC and LT are registered trademarks of Linear Technology Corporation.
No RSENSE and Burst Mode are trademarks of Linear Technology Corporation.
+
VIN
TK
SYNC
LTC1775
RUN/SS
VOSENSE
TG
SW
CB 0.33µF
DB
CMDSH-3
CC
2.2nF
RC
10k
M2
SUD50N03-10
D1
MBRS340
M1
SUD50N03-10
CVCC
4.7
µF
1775 F01
L1
6
µH
CIN
22
µF
30V
×4
BOOST
INTVCC
BG
VPROG
ITH
SGND
PGND
+
COUT
680
µF
6.3V
VOUT
3.3V
10A
VIN
5V TO
28V
CSS 0.1µF
+
LOAD CURRENT (A)
0.01
70
90
95
100
0.1
1
10
1775 F01b
85
80
75
VIN = 10V
f = 150kHz
FCB = INTVCC
VOUT = 5V
VOUT = 3.3V


Similar Part No. - LTC1775

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1775 LINER-LTC1775 Datasheet
312Kb / 26P
Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LTC1775 LINER-LTC1775 Datasheet
254Kb / 24P
Wide Operating Range, No RSENSE Step-Down Controller
LTC1775 LINER-LTC1775_15 Datasheet
305Kb / 24P
High Power No RSENSE Current Mode Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC1775

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1625 LINER-LTC1625 Datasheet
454Kb / 24P
No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
logo
Maxim Integrated Produc...
MAX15058 MAXIM-MAX15058 Datasheet
2Mb / 21P
High-Efficiency, 3A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 0; 12/10
MAX15053 MAXIM-MAX15053_11 Datasheet
2Mb / 21P
High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 1; 3/11
MAX15109 MAXIM-MAX15109 Datasheet
2Mb / 19P
High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 0; 6/11
MAX15108 MAXIM-MAX15108 Datasheet
2Mb / 19P
High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 0; 6/11
MAX15058 MAXIM-MAX15058_11 Datasheet
2Mb / 21P
High-Efficiency, 3A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
logo
Linear Technology
LTC1775 LINER-LTC1775_15 Datasheet
305Kb / 24P
High Power No RSENSE Current Mode Synchronous Step-Down Switching Regulator
logo
Maxim Integrated Produc...
MAX15108A MAXIM-MAX15108A Datasheet
1Mb / 16P
High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 1; 5/16
MAX15108 MAXIM-MAX15108_V01 Datasheet
1Mb / 19P
High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
2020
logo
Analog Devices
MAX15106A AD-MAX15106A Datasheet
861Kb / 16P
High-Efficiency, 6A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 3 6/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com