Electronic Components Datasheet Search
  English  ▼

X  

LTC1929 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1929
Description  2-Phase, High Efficiency, Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1929 Datasheet(HTML) 1 Page - Linear Technology

  LTC1929 Datasheet HTML 1Page - Linear Technology LTC1929 Datasheet HTML 2Page - Linear Technology LTC1929 Datasheet HTML 3Page - Linear Technology LTC1929 Datasheet HTML 4Page - Linear Technology LTC1929 Datasheet HTML 5Page - Linear Technology LTC1929 Datasheet HTML 6Page - Linear Technology LTC1929 Datasheet HTML 7Page - Linear Technology LTC1929 Datasheet HTML 8Page - Linear Technology LTC1929 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LTC1929
2-Phase, High Efficiency,
Synchronous Step-Down
Switching Regulator
August 1999
, LTC and LT are registered trademarks of Linear Technology Corporation.
OPTI-LOOP is a trademark of Linear Technology Corporation.
The LTC
®1929 is a 2-phase, single output, synchronous
step-down current mode switching regulator controller
that drives N-channel external power MOSFET stages in a
phase-lockable fixed frequency architecture. The 2-phase
controller drives its two output stages out of phase at
frequencies up to 300kHz to minimize the RMS ripple
currents in both input and output capacitors. The 2-phase
technique effectively multiplies the fundamental frequency
by two, improving transient response while operating
each channel at an optimum frequency for efficiency.
Thermal design is also simplified.
An internal differential amplifier provides true remote
sensing of the regulated supply’s positive and negative
output terminals as required by high current applications.
The RUN/SS pin provides soft-start and a defeatable,
timed, latched short-circuit shutdown to shut down both
channels. Internal foldback current limit provides protec-
tion for the external sychronous MOSFETs in the event of
an output fault. OPTI-LOOP compensation allows the
transient response to be optimized over a wide range of
output capacitance and ESR values.
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
Figure 1. High Current 2-Phase Step-Down Converter
s
Desktop Computers
s
Internet/Network Servers
s
Large Memory Arrays
s
DC Power Distribution Systems
s
2-Phase Single Output Controller
s
Reduces Required Input Capacitance and Power
Supply Induced Noise
s
Current Mode Control Ensures Current Sharing
s
Phase-Lockable Fixed Frequency: 150kHz to 300kHz
s
True Remote Sensing Differential Amplifier
s
OPTI-LOOP
TM Compensation Improves Transient
Response
s
±1% Output Voltage Accuracy
s
Wide VIN Range: 4V to 36V Operation
s
Very Low Dropout Operation: 99% Duty Cycle
s
Adjustable Soft-Start Current Ramping
s
Internal Current Foldback
s
Short-Circuit Shutdown Timer with Defeat Option
s
Overvoltage Soft-Latch Eliminates Nuisance Trips
s
Available in 28-Lead SSOP Package
1929 TA01
TG1
BOOST1
SW1
BG1
PGND
SENSE1+
SENSE1–
TG2
BOOST2
SW2
BG2
INTVCC
SENSE2+
SENSE2–
VIN
RUN/SS
EAIN
ITH
VDIFFOUT
VOS
–
VOS
+
LTC1929
SGND
S
0.1
µF
0.1
µF
8.06k
1000pF
S
S
S
S
S
S
S
S
S
10
Ω
10k
8.06k
10
µF ×4
35V
CERAMIC
+
COUT
1000
µF ×2
4V
VOUT
1.6V/40A
L1
1
µH
0.002
Ω
VIN
5V TO 28V
L2
1
µH
D2
D1
0.47
µF
S
0.47
µF
100pF
10
µF
0.002
Ω
COUT: T510E108K004AS
L1, L2: CEPH149-1ROMC
Final Electrical Specifications
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.


Similar Part No. - LTC1929

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1929 LINER-LTC1929 Datasheet
315Kb / 28P
2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators
LTC1929 LINER-LTC1929 Datasheet
379Kb / 32P
High Efficiency Synchronous Step-Down Switching Regulator
LTC1929 LINER-LTC1929 Datasheet
480Kb / 32P
Dual, 550kHz, 2-Phase Synchronous Regulator
LTC1929-PG LINER-LTC1929-PG Datasheet
315Kb / 28P
2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators
LTC1929-PG LINER-LTC1929-PG Datasheet
379Kb / 32P
High Efficiency Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC1929

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1628 LINER-LTC1628 Datasheet
360Kb / 32P
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1628-SYNC LINER-LTC1628-SYNC Datasheet
375Kb / 32P
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
LTC1929 LINER-LTC1929_1 Datasheet
315Kb / 28P
2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators
LTC3727LX-1 LINER-LTC3727LX-1 Datasheet
420Kb / 28P
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3727 LINER-LTC3727_15 Datasheet
377Kb / 32P
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3727-1 LINER-LTC3727-1_15 Datasheet
377Kb / 32P
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1628-SYNC LINER-LTC1628-SYNC_15 Datasheet
672Kb / 32P
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
LTC1929-PG LINER-LTC1929-PG_15 Datasheet
321Kb / 28P
2-Phase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC3727LX-1 LINER-LTC3727LX-1_15 Datasheet
426Kb / 28P
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
LTC1628-PG LINER-LTC1628-PG_15 Datasheet
391Kb / 32P
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com