Electronic Components Datasheet Search
  English  ▼

X  

LTC1929 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1929
Description  2-Phase, High Efficiency, Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1929 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1929 Datasheet HTML 14Page - Linear Technology LTC1929 Datasheet HTML 15Page - Linear Technology LTC1929 Datasheet HTML 16Page - Linear Technology LTC1929 Datasheet HTML 17Page - Linear Technology LTC1929 Datasheet HTML 18Page - Linear Technology LTC1929 Datasheet HTML 19Page - Linear Technology LTC1929 Datasheet HTML 20Page - Linear Technology LTC1929 Datasheet HTML 21Page - Linear Technology LTC1929 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
LTC1929
Design Example (Using Two Phases)
As a design example, assume VIN=5V(nominal),VIN = 5.5V
(max), VOUT = 1.8V, IMAX = 20A, TA = 70°C and f = 310kHz,
RSENSE1 and RSENSE2 can immediately be calculated:
RSENSE1 = RSENSE2 = 50mV/10A = 0.005Ω
If L1 = L2 = 2
µH the actual value of the ripple current for
each channel, the following equation is used:
∆I
V
fL
V
V
L
OUT
OUT
IN
=−


1
The highest value of the ripple current occurs at the
maximum input voltage:
∆I
kHz
H
A
L =
() µ
()
−


≈
18
310
2
1
18
55
195
..
.
.
The ripple current for each inductor is 20% at maximum
output current which is conservative.
Next verify the minimum on-time of 200ns is not violated.
The minimum on-time occurs at maximum VIN:
t
V
Vf
V
V
kHz
s
ON MIN
OUT
IN MAX
()
()
==
()
≈µ
18
5 5 310
1
.
.
Since the output voltage is below 2.4V the output resistive
divider will need to be sized to not only set the output
voltage but also to absorb the sense pin current for both
channels.
R
kV
VV
k
V
VV
k
MIN
OUT
OUT
1
20
22 4
10
18
24
18
30
() =
−


=
−


=
.
.
..
Choosing 1% resistors; R1=13.2k and R2=16.5k yields an
output voltage of 1.80V.
The power dissipation on the topside MOSFET can be
easily estimated. Using a Siliconix Si4420DY for example;
RDS(ON) = 0.013Ω, CRSS = 300pF. At maximum input
voltage with Tj (estimated) = 110°C at an elevated ambient
temperature:
P
V
V
CC
VA
pF
kHz
W
MAIN =
() +() °− °
()
[]
+
() ( )( )
()=
18
55
10
1
0 005 110
25
0 013
1 7 5 5
10
300
310
0 65
2
2
.
.
.
..
.
.
Ω
The worst-case power disipated by the synchronous
MOSFET under normal operating conditions at elevated
ambient temperature and estimated 50
°C junction tem-
perature rise is:
P
VV
V
A
W
SYNC =
−
() ( )
Ω
()
=
55
18
55
10
1 48 0 013
129
2
..
.
..
.
A short-circuit to ground will result in a folded back current
of:
I
mV
ns
V
H
A
SC =
Ω
+
()
µ
=
25
0 005
1
2
200
5 5
2
528
.
.
.
The worst-case power disipated by the synchronous
MOSFET under short-circuit conditions at elevated ambi-
ent temperature and estimated 50
°C junction temperature
rise is:
P
VV
V
A
mW
SYNC =
−
() ( )
Ω
()
=
55
18
55
5 28
1 48 0 013
360
2
..
.
..
.
which is much less than normal, full-load conditions.
Incidentally, since the load no longer dissipates power in
the shorted condition, total system power dissipation is
decreased by over 99%.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com