Electronic Components Datasheet Search
  English  ▼

X  

LTC1929 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1929
Description  2-Phase, High Efficiency, Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1929 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1929 Datasheet HTML 3Page - Linear Technology LTC1929 Datasheet HTML 4Page - Linear Technology LTC1929 Datasheet HTML 5Page - Linear Technology LTC1929 Datasheet HTML 6Page - Linear Technology LTC1929 Datasheet HTML 7Page - Linear Technology LTC1929 Datasheet HTML 8Page - Linear Technology LTC1929 Datasheet HTML 9Page - Linear Technology LTC1929 Datasheet HTML 10Page - Linear Technology LTC1929 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LTC1929
OPERATIO
(Refer to Functional Diagram)
Differential Amplifier
This amplifier provides true differential output voltage
sensing. Sensing both VOUT+ and VOUT– benefits regula-
tion in high current applications and/or applications hav-
ing electrical interconnection losses. The AMPMD pin
allows selection of internal, precision feedback resistors
for high common mode rejection differencing applica-
tions, or direct access to the actual amplifier inputs
without these internal feedback resistors for other applica-
tions. The AMPMD pin is grounded to connect the internal
precision resistors in a unity-gain differencing application,
or tied to the INTVCC pin to bypass the internal resistors
and make the amplifier inputs directly available. The
amplifier is a unity-gain stable, 2MHz gain-bandwidth,
>120dB open-loop gain design. The amplifier has an
output slew rate of 5V/
µs and is capable of driving capaci-
tive loads with an output RMS current typically up to
25mA. The amplifier is not capable of sinking current and
therefore must be resistively loaded to do so.
Short-Circuit Detection
The RUN/SS capacitor is used initially to limit the inrush
current from the input power source. Once the controllers
have been given time, as determined by the capacitor on
the RUN/SS pin, to charge up the output capacitors and
provide full load current, the RUN/SS capacitor is then
used as a short-circuit timeout circuit. If the output voltage
falls to less than 70% of its nominal output voltage the
RUN/SS capacitor begins discharging assuming that the
output is in a severe overcurrent and/or short-circuit
condition. If the condition lasts for a long enough period
as determined by the size of the RUN/SS capacitor, the
controller will be shut down until the RUN/SS pin voltage
is recycled. This built-in latchoff can be overidden by
providing a current >5
µA at a compliance of 5V to the
RUN/SS pin. This current shortens the soft-start period
but also prevents net discharge of the RUN/SS capacitor
during a severe overcurrent and/or short-circuit condi-
tion. Foldback current limiting is activated when the output
voltage falls below 70% of its nominal level whether or not
the short-circuit latchoff circuit is enabled.
APPLICATIO S I FOR ATIO
The basic LTC1929 application circuit is shown in Figure 1
on the first page. External component selection is driven
by the load requirement, and begins with the selection of
RSENSE1, 2. Once RSENSE1, 2 are known, L1 and L2 can be
chosen. Next, the power MOSFETs and D1 and D2 are
selected. The operating frequency and the inductor are
chosen based mainly on the amount of ripple current.
Finally, CIN is selected for its ability to handle the input
ripple current (that PolyPhase
TM operation minimizes) and
COUT is chosen with low enough ESR to meet the output
ripple voltage and load step specifications (also minimized
with PolyPhase). Current mode architecture provides in-
herent current sharing between output stages. The circuit
shown in Figure 1 can be configured for operation up to an
input voltage of 28V (limited by the external MOSFETs).
RSENSE Selection For Output Current
RSENSE1, 2 are chosen based on the required output
current. The LTC1929 current comparator has a maxi-
mum threshold of 75mV/RSENSE and an input common
mode range of SGND to 1.1( INTVCC). The current com-
parator threshold sets the peak inductor current, yielding
a maximum average output current IMAX equal to the peak
value less half the peak-to-peak ripple current,
∆IL.
Allowing a margin for variations in the LTC1929 and
external component values yields:
RSENSE = 2(50mV/IMAX)
Operating Frequency
The LTC1929 uses a constant frequency, phase-lockable
architecture with the frequency determined by an internal
capacitor. This capacitor is charged by a fixed current plus
an additional current which is proportional to the voltage
applied to the PLLFLTR pin. Refer to Phase-Locked Loop
and Frequency Synchronization in the Applications Infor-
mation section for additional information.
PolyPhase is a registered trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com