Electronic Components Datasheet Search
  English  ▼

X  

LTC1929 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC1929
Description  2-Phase, High Efficiency, Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1929 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC1929 Datasheet HTML 15Page - Linear Technology LTC1929 Datasheet HTML 16Page - Linear Technology LTC1929 Datasheet HTML 17Page - Linear Technology LTC1929 Datasheet HTML 18Page - Linear Technology LTC1929 Datasheet HTML 19Page - Linear Technology LTC1929 Datasheet HTML 20Page - Linear Technology LTC1929 Datasheet HTML 21Page - Linear Technology LTC1929 Datasheet HTML 22Page - Linear Technology LTC1929 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
LTC1929
The duty factors when the peak RMS input current occurs
is at D = 0.25 and D = 0.75 according to Figure 4. Calculate
the worst-case required RMS current rating at the input
voltage that produces a duty cycle nearest to the peak.
CIN will require an RMS current rating of:
C requiredI
A
A
IN
RMS
RMS
=
() −− −
=
20
18
55
1
2
1
2
18
55
1
2
476
.
.
.
.
.
The output capacitor ripple current is calculated by using
the inductor ripple already calculated for each inductor
and multiplying by the factor obtained from Figure 3 along
with the calculated duty factor. The output ripple in con-
tinuous mode will be highest at the maximum input
voltage since the duty factor is < 50%. The maximum
output current ripple is:
∆
∆
I
V
fL
V
V
at
D F
I
V
kHz
H
V
V
A
Vm
A
mV
COUT
OUT
OUT
IN
COUTMAX
OUTRIPPLE
RMS
=−




= () µ
()
−


=
=Ω
()=
1
033
066
33
18
310
2
1
18
55
054
097
20
097
194
.
.
%. .
..
.
.
.
..
An alternate calculation just uses the equation for output
ripple current at D = 1.8V/5.5 = 0.33:
∆I
V
kHz
H
A
Vm
A
mV
RIPPLE
OUTRIPPLE
RMS
=
()
µ
()
−
() −
()
−
() +
=
=Ω
()=
21 8
310
2
1 2 033 1 033
12 0 33
1
099
20
099
197
.
..
.
.
..
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC1929. These items are also illustrated graphically in
the layout diagram of Figure 11. Check the following in
your layout:
1) Are the signal and power grounds segregated? The
LTC1929 signal ground pin should return to the (–) plate
of COUT separately. The power ground returns to the
sources of the bottom N-channel MOSFETs, anodes of the
Schottky diodes, and (–) plates of CIN, which should have
as short lead lengths as possible.
2) Does the LTC1929 VOS+ pin connect to the (+) plate(s)
of COUT? Does the LTC1929 VOS– pin connect to the (–)
plate(s) of COUT? The resistive divider R1, R2 must be
connected between the VDIFFOUT and signal ground and
any feedforward capacitor across R1 should be as close as
possible to the LTC1929.
3) Are the SENSE – and SENSE + leads routed together with
minimum PC trace spacing? The filter capacitors between
SENSE + and SENSE– pin pairs should be as close as
possible to the LTC1929. Ensure accurate current sensing
with Kelvin connections.
4) Do the (+) plates of CIN connect to the drains of the
topside MOSFETs as closely as possible? This capacitor
provides the AC current to the MOSFETs. Keep the input
current path formed by the input capacitor, top and bottom
MOSFETs, and the Schottky diode on the same side of the
PC board in a tight loop to minimize conducted and
radiated EMI.
5) Is the INTVCC 1µF ceramic decoupling capacitor con-
nected closely between INTVCC and the power ground pin?
This capacitor carries the MOSFET driver peak currents. A
small value is used to allow placement immediately adja-
cent to the IC.
6) Keep the switching nodes, SW1 (SW2), away from
sensitive small-signal nodes. Ideally the switch nodes
should be placed at the furthest point from the LTC1929.
7) Use a low impedance source such as a logic gate to drive
the PLLIN pin and keep the lead as short as possible.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com