Electronic Components Datasheet Search
  English  ▼

X  

UPD77017GC Datasheet(PDF) 48 Page - NEC

Part # UPD77017GC
Description  16 bits, Fixed-point Digital Signal Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77017GC Datasheet(HTML) 48 Page - NEC

Back Button UPD77017GC Datasheet HTML 44Page - NEC UPD77017GC Datasheet HTML 45Page - NEC UPD77017GC Datasheet HTML 46Page - NEC UPD77017GC Datasheet HTML 47Page - NEC UPD77017GC Datasheet HTML 48Page - NEC UPD77017GC Datasheet HTML 49Page - NEC UPD77017GC Datasheet HTML 50Page - NEC UPD77017GC Datasheet HTML 51Page - NEC UPD77017GC Datasheet HTML 52Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
48
µPD77015, 77017, 77018
Host Interface
Required Timing Condition
Parameters
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
HRD delay time
tdHR
0ns
HRD width
twHR
2tcC
ns
HCS, HA0, HA1 read hold time
thHCAR
0ns
HCS, HA0, HA1 write hold time
thHCAW
0ns
HRD, HWR recovery time
trecHS
2tcC
ns
HWR delay time
tdHW
0ns
HWR width
twHW
2tcC
ns
HWR hold time
thHDW
0ns
HWR setup time
tsuHDW
20
ns
Switching Characteristics
Parameters
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
HRE, HWE output delay time
tdHE
30
ns
HRE, HWE hold time
thHE
30
ns
HRD valid time
tvHDR
30
ns
HRD hold time
thHDR
0ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com