Electronic Components Datasheet Search
  English  ▼

X  

UPD77017GC Datasheet(PDF) 52 Page - NEC

Part # UPD77017GC
Description  16 bits, Fixed-point Digital Signal Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77017GC Datasheet(HTML) 52 Page - NEC

Back Button UPD77017GC Datasheet HTML 48Page - NEC UPD77017GC Datasheet HTML 49Page - NEC UPD77017GC Datasheet HTML 50Page - NEC UPD77017GC Datasheet HTML 51Page - NEC UPD77017GC Datasheet HTML 52Page - NEC UPD77017GC Datasheet HTML 53Page - NEC UPD77017GC Datasheet HTML 54Page - NEC UPD77017GC Datasheet HTML 55Page - NEC UPD77017GC Datasheet HTML 56Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
52
µPD77015, 77017, 77018
Debugging Interface (JTAG)
Required Timing Condition
Parameters
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
TCK cycle time
tcTCK
4tcC
ns
TCK high/low level width
twTCK
50
ns
TCK rise/fall time
trfTCK
20
ns
TMS, TDI setup time
tsuDI
10
ns
TMS, TDI hold time
thDI
0ns
Input pin setup time
tsuJIN
10
ns
Input pin hold time
thJIN
0
ns
Switching Characteristics
Parameters
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
TDO output delay time
tdDO
30
ns
Output pin output delay time
tdJOUT
30
ns
Debugging Interface Timing
Remark For the details of JTAG, refer to “IEEE1149.1.”
tcTCK
twTCK
twTCK
tsuDI
thDI
Valid
Valid
Valid
tdDO
tsuJIN
thJIN
Valid
tdJOUT
trfTCK
trfTCK
TCK
TMS,
TDI
TDO
Capture
state
Update
state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com