Electronic Components Datasheet Search
  English  ▼

X  

UPD77017GC Datasheet(PDF) 55 Page - NEC

Part # UPD77017GC
Description  16 bits, Fixed-point Digital Signal Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77017GC Datasheet(HTML) 55 Page - NEC

Back Button UPD77017GC Datasheet HTML 51Page - NEC UPD77017GC Datasheet HTML 52Page - NEC UPD77017GC Datasheet HTML 53Page - NEC UPD77017GC Datasheet HTML 54Page - NEC UPD77017GC Datasheet HTML 55Page - NEC UPD77017GC Datasheet HTML 56Page - NEC UPD77017GC Datasheet HTML 57Page - NEC UPD77017GC Datasheet HTML 58Page - NEC UPD77017GC Datasheet HTML 59Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
µPD77015, 77017, 77018
55
µPD77017GC-×××-9EU: 100-pin plastic TQFP (FINE PITCH) (14mm × 14mm)
µPD77018GC-×××-9EU: 100-pin plastic TQFP (FINE PITCH) (14mm × 14mm)
Peak temperature: 235 ˚C or below (Package surface temperature),
Reflow time: 30 seconds or less (at 210 ˚C or higher),
Maximum number of reflow processes : 2 times,
Exposure limit Note : 3 days (10 hours pre-baking is required at 125 ˚C
afterwards).
Peak temperature: 215 ˚C or below (Package surface temperature),
Reflow time: 40 seconds or less (at 200 ˚C or higher),
Maximum number of reflow processes : 2 times,
Exposure limit Note : 3 days (10 hours pre-baking is required at 125
°C
afterwards).
Pin temperature : 300 ˚C or below,
Heat time : 3 seconds or less (Per each side of the device)
Process
Conditions
Symbol
Infrared ray reflow
IR35-103-2
Vapor Phase Soldering
Partial heating method
VP15-103-2
Note
Maximum allowable time from taking the soldering package out of dry pack to soldering.
Storage conditions: 25
°C and relative humidity of 65 % or less.
Caution
Apply only one kind of soldering condition to a device, except for “partial heating method”,
or the device will be damaged by heat stress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com