Electronic Components Datasheet Search
  English  ▼

X  

UPD77112 Datasheet(PDF) 49 Page - NEC

Part # UPD77112
Description  16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77112 Datasheet(HTML) 49 Page - NEC

Back Button UPD77112 Datasheet HTML 45Page - NEC UPD77112 Datasheet HTML 46Page - NEC UPD77112 Datasheet HTML 47Page - NEC UPD77112 Datasheet HTML 48Page - NEC UPD77112 Datasheet HTML 49Page - NEC UPD77112 Datasheet HTML 50Page - NEC UPD77112 Datasheet HTML 51Page - NEC UPD77112 Datasheet HTML 52Page - NEC UPD77112 Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
Data Sheet U12801EJ4V0DS00
49
µµµµPD77110, 77111, 77112
µPD77110
Serial Interface
Timing requirements
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
SCK cycle time
tcSC
60
ns
SCK high-/low-level width
twSC
25
ns
SCK rise/fall time
trtSC
20
ns
SOEN setup time
tsuSOE
5ns
SOEN hold time
thSOE
10
ns
SIEN setup time
tsuSIE
5ns
SIEN hold time
thSIE
10
ns
SI setup time
tsuSI
5ns
SI hold time
thSI
10
ns
Switching characteristics
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
SORQ output delay time
tdSOR
25
ns
SORQ hold time
thSOR
0ns
SO output delay time
tdSO
25
ns
SO hold time
thSO
0ns
SIAK output delay time
tdSIA
25
ns
SIAK hold time
thSIA
0ns
Caution If noise is superimposed on the serial clock, the serial interface may be deadlocked. Bear in
mind the following points when designing your system:
•
Reinforce the wiring for power supply and ground (if noise is superimposed on the power and
ground lines, it has the same effect as if noise were superimposed on the serial clock).
•
Shorten the wiring between the device’s SCK1 and SCK2 pins, and clock supply source.
•
Do not cross the signal lines of the serial clock with any other signal lines. Do not route the
serial clock line in the vicinity of a line through which a high alternating current flows.
•
Supply the clock to the SCK1 and SCK2 pins of the device from the clock source on a one-to-
one basis. Do not supply clock to several devices from one clock source.
•
Exercise care that the serial clock does not overshoot or undershoot. In particular, make sure
that the rising and falling of the serial clock waveform are clear.
××
Make sure that the serial clock
rises and falls linearly.
The serial clock must not bound. Noise
must not be superimposed on the serial clock.
The serial clock must not rise or
fall step-wise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com