Electronic Components Datasheet Search
  English  ▼

X  

UPD77112 Datasheet(PDF) 76 Page - NEC

Part # UPD77112
Description  16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77112 Datasheet(HTML) 76 Page - NEC

Back Button UPD77112 Datasheet HTML 72Page - NEC UPD77112 Datasheet HTML 73Page - NEC UPD77112 Datasheet HTML 74Page - NEC UPD77112 Datasheet HTML 75Page - NEC UPD77112 Datasheet HTML 76Page - NEC UPD77112 Datasheet HTML 77Page - NEC UPD77112 Datasheet HTML 78Page - NEC UPD77112 Datasheet HTML 79Page - NEC UPD77112 Datasheet HTML 80Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 76 / 80 page
background image
Data Sheet U12801EJ4V0DS00
76
µµµµPD77110, 77111, 77112
µµµµPD77111F1-xxx-CN1: 80-pin plastic fine-pitch BGA (9 ×××× 9 mm)
Process
Conditions
Symbol
Infrared ray reflow
Package peak temperature: 230
°C, Time: 30 seconds MAX (210°C MIN),
Number of times: 2 MAX, Number of days: 3
Note (after that, prebaking is
necessary for 10 hours)
IR30-103-2
VPS
Package peak temperature: 215
°C, Time: 30 seconds MAX (210°C MIN),
Number of times: 2 MAX, Number of days: 3
Note (after that, prebaking is
necessary for 10 hours)
VP15-103-2
Note Number of days in storage after the dry pack has been opened. The storage conditions are at 25
°C, 65%
RH MAX.
Caution Do not use two or more soldering methods in combination (except partial heating method).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com