| Electronic Components Datasheet Search |
|
UPD77112 Datasheet(PDF) 18 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD77112 Datasheet(HTML) 18 Page - NEC |
|
18 / 80 page ![]() Data Sheet U12801EJ4V0DS00 18 µµµµPD77110, 77111, 77112 1.2 Connection of Unused Pins 1.2.1 Connection of Function Pins When mounting, connect unused pins as follows: Pin I/O Recommended Connection INT1 - INT4 Input Connect to EVDD. X/Y Output DA0 - DA14 Output Leave unconnected. D0 - D15 Note 1 I/O Connect to EVDD via pull-up resistor, or connect to GND via pull-down resistor. MRD, MWR Output Leave unconnected. HOLDRQ Input Connect to EVDD. BSTB, HOLDAK Output Leave unconnected. SCK1, SCK2 Input SI1, SI2 Input Connect to EVDD or GND. SIEN1, SIEN2 Input SOEN1, SOEN2 Input Connect to GND. SORQ1 Output SO1, SO2 Output SIAK1 Output Leave unconnected. HA0, HA1 Input Connect to EVDD or GND. HCS, HRD, HWR Input Connect to EVDD. HRE, HWE Output Leave unconnected. HD0 - HD7 Note 2 I/O P0 - P3 I/O Connect to EVDD via pull-up resistor, or connect to GND via pull-down resistor. TCK Input Connect to GND via pull-down resistor. TDO, TICE Output Leave unconnected. TMS, TDI Input Leave unconnected. (internally pulled up). TRST Input Leave unconnected. (internally pulled down). CLKOUT Output Leave unconnected. Notes 1. These pins may be left unconnected if the external data memory is not accessed in the program. However, connect these pins as recommended in the halt and stop modes when the power consumption must be lowered. 2. These pins may be left unconnected if HCS, HRD, and HWR are fixed to the high level. However, connect these pins as recommended in the halt and stop modes when the power consumption must be lowered. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |