Electronic Components Datasheet Search
  English  ▼

X  

L2340 Datasheet(PDF) 3 Page - LOGIC Devices Incorporated

Part # L2340
Description  Digital Synthesizer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L2340 Datasheet(HTML) 3 Page - LOGIC Devices Incorporated

  L2340 Datasheet HTML 1Page - LOGIC Devices Incorporated L2340 Datasheet HTML 2Page - LOGIC Devices Incorporated L2340 Datasheet HTML 3Page - LOGIC Devices Incorporated L2340 Datasheet HTML 4Page - LOGIC Devices Incorporated L2340 Datasheet HTML 5Page - LOGIC Devices Incorporated L2340 Datasheet HTML 6Page - LOGIC Devices Incorporated L2340 Datasheet HTML 7Page - LOGIC Devices Incorporated L2340 Datasheet HTML 8Page - LOGIC Devices Incorporated L2340 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DEVICES INCORPORATED
Special Arithmetic Functions
3
L2340
Digital Synthesizer
08/16/2000–LDS.2340-E
FIGURE 1A.INPUT FORMATS
14 13 12
2
1
0
2
14 213 212
2
2
2
1
2
0
31 30 29
2
1
0
*±2
0 2–1 2–2
2
–29 2–30 2–31
AM
PH
*±2
0 denotes two's complement sign or highest magnitude bit. Since phase angles are modulo 2π
and phase accumulator is modulo 2
32, this bit may be regarded as ±π.
Fract. Unsigned Mag./Two's Comp.
Integer Unsigned Magnitude
(RTP = 0)
FM, PM — Frequency Modulation,
Phase Modulation Control
FM and PM is the 2-bit Frequency
Modulation/Phase Modulation
Control that determines one of the
four modes shown in Table 2. When
full-scale is exceeded, the accumulator
will roll over correctly allowing
continuous phase accumulation
through 2
π radians.
OBIQ — Data Input/Output Format
Select
When OBIQ is HIGH, offset binary
format is selected. When OBIQ is
LOW, unsigned format is selected.
OEI — x-coordinate Data Output
Enable
When OEI is LOW, I15-0 is enabled for
data output. When OEI is HIGH, I15-0
is placed in a high-impedance state.
FIGURE 1B.OUTPUT FORMATS
14 13 12
2
1
0
2
14 213 212
2
2
2
1
2
0
14 13 12
2
1
0
2
14 213 212
2
2
2
1
2
0
Integer Unsigned Magnitude (OBIQ = 0)
15 14 13
2
1
0
NS 2
14 213
2
2
2
1
2
0
15 14 13
2
1
0
NS 2
14 213
2
2
2
1
2
0
Offset Binary (OBIQ = 1)
IQ
NS denotes negative sign. (i.e. '1' negates the number)
OEQ — y-coordinate Data Output
Enable
When OEQ is LOW, Q15-0 is enabled
for data output. When OEQ is HIGH,
Q15-0 is placed in a high-impedance
state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com