Electronic Components Datasheet Search
  English  ▼

X  

L2340 Datasheet(PDF) 5 Page - LOGIC Devices Incorporated

Part # L2340
Description  Digital Synthesizer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L2340 Datasheet(HTML) 5 Page - LOGIC Devices Incorporated

  L2340 Datasheet HTML 1Page - LOGIC Devices Incorporated L2340 Datasheet HTML 2Page - LOGIC Devices Incorporated L2340 Datasheet HTML 3Page - LOGIC Devices Incorporated L2340 Datasheet HTML 4Page - LOGIC Devices Incorporated L2340 Datasheet HTML 5Page - LOGIC Devices Incorporated L2340 Datasheet HTML 6Page - LOGIC Devices Incorporated L2340 Datasheet HTML 7Page - LOGIC Devices Incorporated L2340 Datasheet HTML 8Page - LOGIC Devices Incorporated L2340 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DEVICES INCORPORATED
Special Arithmetic Functions
5
L2340
Digital Synthesizer
08/16/2000–LDS.2340-E
16-bit Internal Processor
24-bit Internal Processor
x
x (HEX)
y
y (HEX)
x
x (HEX)
y
y (HEX)
23201
5AA1
23139
5A63
23199
5A9F
23140
5A64
23199
5A9F
23141
5A65
23198
5A9E
23141
5A65
23199
5A9F
23141
5A65
23198
5A9E
23141
5A65
23199
5A9F
23141
5A65
23197
5A9D
23142
5A66
23199
5A9F
23141
5A65
23197
5A9D
23142
5A66
23197
5A9D
23143
5A67
23196
5A9C
23143
5A67
23197
5A9D
23143
5A67
23196
5A9C
23143
5A67
23197
5A9D
23143
5A67
23195
5A9B
23144
5A68
23197
5A9D
23143
5A67
23194
5A9A
23145
5A69
23195
5A9B
23145
5A69
23194
5A9A
23145
5A69
23195
5A9B
23145
5A69
23194
5A9A
23145
5A69
23195
5A9B
23145
5A69
23193
5A99
23146
5A6A
23195
5A9B
23145
5A69
23192
5A98
23147
5A6B
23192
5A98
23148
5A6C
23191
5A97
23148
5A6C
23192
5A98
03148
5A6C
23191
5A97
23148
5A6C
23192
5A98
23148
5A6C
23191
5A97
23148
5A6C
23192
5A98
23148
5A6C
23190
5A96
23149
5A6D
23190
5A96
23150
5A6E
23189
5A95
23150
5A6E
23190
5A96
23150
5A6E
23189
5A95
23150
5A6E
23190
5A96
23150
5A6E
23189
5A95
23150
5A6E
23190
5A96
23150
5A6E
23188
5A94
23151
5A6F
23187
5A93
23152
5A70
23187
5A93
23152
5A70
23187
5A93
23152
5A70
23186
5A92
23153
5A71
23187
5A93
23152
5A70
23186
5A92
23153
5A71
23187
5A93
23152
5A70
23186
5A92
23153
5A71
23185
5A91
23154
5A72
23185
5A91
23154
5A72
23185
5A91
23154
5A72
23184
5A90
23155
5A73
23185
5A91
23154
5A72
23184
5A90
23155
5A73
23185
5A91
23154
5A72
23184
5A90
23155
5A73
23183
5A8F
23156
5A74
23183
5A8F
23156
5A74
TABLE 3.
RESULTANT DATA VALUES OF CIRCLE TEST NEAR 45°



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com