Electronic Components Datasheet Search
  English  ▼

X  

L2340 Datasheet(PDF) 7 Page - LOGIC Devices Incorporated

Part # L2340
Description  Digital Synthesizer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L2340 Datasheet(HTML) 7 Page - LOGIC Devices Incorporated

Back Button L2340 Datasheet HTML 3Page - LOGIC Devices Incorporated L2340 Datasheet HTML 4Page - LOGIC Devices Incorporated L2340 Datasheet HTML 5Page - LOGIC Devices Incorporated L2340 Datasheet HTML 6Page - LOGIC Devices Incorporated L2340 Datasheet HTML 7Page - LOGIC Devices Incorporated L2340 Datasheet HTML 8Page - LOGIC Devices Incorporated L2340 Datasheet HTML 9Page - LOGIC Devices Incorporated L2340 Datasheet HTML 10Page - LOGIC Devices Incorporated L2340 Datasheet HTML 11Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DEVICES INCORPORATED
Special Arithmetic Functions
7
L2340
Digital Synthesizer
08/16/2000–LDS.2340-E
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
SWITCHING CHARACTERISTICS
L2340–
50*
25*
20
Symbol
Parameter
Min
Max
Min
Max
Min
Max
tCYC
Cycle Time
50
25
20
tPWL
Clock Pulse Width Low
10
8
7
tPWH
Clock Pulse Width High
8
7
6
tS
Input Setup Time
12
7
6
tH
Input Hold Time
1
0
1
tD
Output Delay
22
18
16
tENA
Three-State Output Enable Delay (Note 11)
13
13
13
tDIS
Three-State Output Disable Delay (Note 11)
13
13
13
COMMERCIAL OPERATING RANGE (0°C to +70°C) Notes 9, 10 (ns)
L2340–
50*
25*
20*
Symbol
Parameter
Min
Max
Min
Max
Min
Max
tCYC
Cycle Time
50
25
20
tPWL
Clock Pulse Width Low
11
9
7
tPWH
Clock Pulse Width High
8
7
6
tS
Input Setup Time
13
7
6
tH
Input Hold Time
2
2
1
tD
Output Delay
25
20
18
tENA
Three-State Output Enable Delay (Note 11)
15
14
13
tDIS
Three-State Output Disable Delay (Note 11)
15
14
13
MILITARY OPERATING RANGE (–55°C to +125°C) Notes 9, 10 (ns)
12345678901234567890123
12345678901234567890123
12345678901234567890123
12345678901234567890123
*DISCONTINUED SPEED
GRADE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com