Electronic Components Datasheet Search
  English  ▼

X  

LF3347 Datasheet(PDF) 2 Page - LOGIC Devices Incorporated

Part # LF3347
Description  High-Speed Image Filter with Coefficient RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3347 Datasheet(HTML) 2 Page - LOGIC Devices Incorporated

  LF3347 Datasheet HTML 1Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 2Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 3Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DEVICES INCORPORATED
LF3347
High-Speed Image Filter with Coefficient RAM
2
Video Imaging Products
08/16/2000–LDS.3347-G
with an image resampling se-
quencer. Larger kernels or more
complex functions can be realized
by utilizing multiple devices.
Unrestricted access to all data
ports and addressable coefficient
banks provides the LF3347 with
considerable flexibility in applica-
tions such as digital filters, adap-
tive FIR filters, mixers, and other
similar systems requiring high-
speed processing.
SIGNAL DEFINITIONS
Power
VCC and GND
+3.3 V power supply. All pins must
be connected.
Clocks
CLK — Master Clock
The rising edge of CLK strobes all
enabled registers.
CCCLK — Coefficient/Control Clock
When LD is LOW, the rising edge of
CCCLK latches data on CC11-0 into the
device.
Inputs
D111-0 – D411-0 — Data Input
D1–D4 are the 12-bit registered data
input ports. Data is latched on the
rising edge of CLK.
A7-0 — Row Address
A7-0 determines which row in the
coefficient banks feed data to the
multipliers. A7-0 is latched on the
rising edge of CLK. When a new
row address is loaded into the row
address register, data from the
coefficient banks will be latched into
the multiplier input registers on the
next rising edge of CLK.
CC11-0 — Control/Coefficient Data Input
CC11-0 is used to load data into the
coefficient banks and control regis-
ters. Data present on CC11-0 is
latched on the rising edge of CCCLK
when LD is LOW.
Outputs
S15-0 — Data Output
S15-0 is the 16-bit registered data
output port.
Controls
ENB1–ENB4 — Data Input Enables
The ENBN (N = 1, 2, 3, or 4) inputs
allow the DN registers to be updated
on each clock cycle. When ENBN is
LOW, data on DN11-0 is latched into
the DN register on the rising edge of
CLK. When ENBN is HIGH, data on
DN11-0 is not latched into the DN
register and the register contents
will not be changed.
ENBA — Row Address Input Enable
The ENBA input allows the row
address register to be updated on
each clock cycle. When ENBA is
LOW, data on A7-0 is latched into
the row address register on the rising
edge of CLK. When ENBA is HIGH,
data on A7-0 is not latched into the
row address register and the register
contents will not be changed.
OE — Output Enable
When OE is LOW, S15-0 is enabled for
output. When OE is HIGH, S15-0 is
placed in a high-impedance state.
FIGURE 1.
INPUT FORMATS
TABLE 1.
OUTPUT FORMATS
SHIFT4-0
S15 S14
S13
· · ·
S8
S7
· · ·
S2
S1
S0
00000
F15
F14
F13
· · ·
F8
F7
· · ·
F2
F1
F0
00001
F16
F15
F14
· · ·
F9
F8
· · ·
F3
F2
F1
00010
F17
F16
F15
· · ·
F10
F9
· · ·
F4
F3
F2
·
·
·
·
··
··
·
·
·
·
·
··
··
·
·
·
·
·
··
··
·
01110
F29
F28
F27
· · ·
F22
F21
· · ·
F16
F15
F14
01111
F30
F29
F28
· · ·
F23
F22
· · ·
F17
F16
F15
10000
F31
F30
F29
· · ·
F24
F23
· · ·
F18
F17
F16
11 10 9
2
1
0
–2
0
(Sign)
2
–1 2–2
2
–9
2
–10 2–11
11 10 9
2
1
0
–2
0
(Sign)
2
–1 2–2
2
–9 2–10 2–11
11 10 9
2
1
0
–2
11
(Sign)
2
10
2
9
2
2
2
1
2
0
11 10 9
2
1
0
–2
11
(Sign)
2
10
2
9
2
2
2
1
2
0
Fractional Two's Complement
Integer Two's Complement
Data
Coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com