Electronic Components Datasheet Search
  English  ▼

X  

LF3347 Datasheet(PDF) 3 Page - LOGIC Devices Incorporated

Part # LF3347
Description  High-Speed Image Filter with Coefficient RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3347 Datasheet(HTML) 3 Page - LOGIC Devices Incorporated

  LF3347 Datasheet HTML 1Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 2Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 3Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DEVICES INCORPORATED
Video Imaging Products
LF3347
High-Speed Image Filter with Coefficient RAM
08/16/2000–LDS.3347-G
3
OCEN — Output Clock Enable
When OCEN is LOW, the output
register is enabled for data loading.
When OCEN is HIGH, output register
loading is disabled and the register’s
contents will not change.
ACC — Accumulator Control
The ACC input determines whether
internal accumulation is performed. If
ACC is LOW, no accumulation is
performed, the prior accumulated sum
is cleared, and the current sum of
products is output. When ACC is
HIGH, the emerging product is added
to the sum of the previous products.
LD — Load Control
LD enables the loading of data into the
coefficient banks and control registers
(control registers are the round and limit
registers). When LD is LOW, data on
CC11-0 is latched into the device on the
rising edge of CCCLK. When LD is
HIGH, data cannot be loaded into the
coefficient banks and control registers.
When enabling the input circuitry for
data loading, the LF3347 requires a
HIGH to LOW transition of LD in order
to function properly. Therefore, LD
needs to be set HIGH immediately after
power up to ensure proper operation of
the input circuitry.
It takes five CCCLK clock cycles to load
one coefficient set into the four coefficient
banks or to load one control register.
When the input circuitry is enabled (LD
goes LOW), the first value loaded into the
device on CC11-0 is an address which
determines what will be loaded (see
Table 2). The next four values loaded on
CC11-0 is the data to be loaded into the
coefficient banks or control register (see
Tables 3-5). After the last data value is
loaded, another coefficient bank address
or control register may be loaded by
feeding another address into CC11-0.
When all desired coefficient banks and
control registers are loaded, the input
circuitrymustbedisabledbysettingLDHIGH.
SELRND3-0 — Round Select
SELRND3-0 allows the user to select
which rounding register will be used
in the rounding circuit to round/offset
the data.
SHIFT4-0 — Shift
SHIFT4-0 determines which 16-bits of
the 32-bits from the accumulator are
passed to the output (see Table 1).
SELLMT3-0 — Limit Select
SELLMT3-0 allows the user to control
which limiting register will be used in
the limiting circuit to set the upper
and lower limits on the data.
LMTEN — Limit Enable
When LMTEN is LOW, limiting is
enabled and the selected limit register
is used to determine the valid range of
output values for the overall filter.
When HIGH, limiting is disabled.
FIGURE 2. ROUNDING, SELECTING,
LIMITING CIRCUITRY
RND
SELECT
LIMIT
32
16
LMTEN
32
SHIFT4-0
ULMT15-0
LLMT15-0
RND31-0
16
16
32
Register
Load Address
Bits
Register Description
A7-0
SELRND3-0 SELLMT3-0
CS0
000H
11-0
Coefficient Set 0
00H
CS1
001H
11-0
Coefficient Set 1
01H
···
·
·
···
·
·
···
·
·
CS255
0FFH
11-0
Coefficient Set 255
FFH
RND0
800H
31-0
Rounding Register 0
0 0 0 0
RND1
801H
31-0
Rounding Register 1
0 0 0 1
···
·
·
···
·
·
···
·
·
RND15
80FH
31-0
Rounding Register 15
1 1 1 1
LMT0
C00H
31-16/15-0
Upper / Lower Limit Register 0
0 0 0 0
LMT1
C01H
31-16/15-0
Upper / Lower Limit Register 0
0 0 0 1
···
·
·
···
·
·
···
·
·
LMT15
C0FH
31-16/15-0
Upper / Lower Limit Register 15
1 1 1 1
TABLE 2.
REGISTER FORMATS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com