Electronic Components Datasheet Search
  English  ▼

X  

LF3347 Datasheet(PDF) 6 Page - LOGIC Devices Incorporated

Part # LF3347
Description  High-Speed Image Filter with Coefficient RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3347 Datasheet(HTML) 6 Page - LOGIC Devices Incorporated

Back Button LF3347 Datasheet HTML 2Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 3Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 9Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 10Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DEVICES INCORPORATED
LF3347
High-Speed Image Filter with Coefficient RAM
6
Video Imaging Products
08/16/2000–LDS.3347-G
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
SWITCHING CHARACTERISTICS
LF3347–
25*
15
12
Symbol
Parameter
Min
Max
Min
Max
Min
Max
tCYC
Cycle Time
25
15
12
tPWL
Clock Pulse Width Low
10
7
5
tPWH
Clock Pulse Width High
10
7
5
tS
Input Setup Time
8
5
3
tH
Input Hold Time
0
0
0
tD
Output Delay
13
10
8
tDIS
Three-State Output Disable Delay (Note 11)
15
12
10
tENA
Three-State Output Enable Delay (Note 11)
13
11
8
COMMERCIAL OPERATING RANGE (0°C to +70°C) Notes 9, 10 (ns)
SWITCHING WAVEFORMS:DATA I/O
CLK
D111-0 – D411-0
CONTROLS
tPWH
tPWL
tCYC
A7-0
(Except OE)
OE
S15-0
123456
tH
tS
DN
DN+1
AN
AN+1
tD
tDIS
HIGH IMPEDANCE
tENA
SN-1
7
SN
LF3347–
25*
15*
12*
Symbol
Parameter
Min
Max
Min
Max
Min
Max
tCYC
Cycle Time
25
15
12
tPWL
Clock Pulse Width Low
10
7
5
tPWH
Clock Pulse Width High
10
7
5
tS
Input Setup Time
8
5
3
tH
Input Hold Time
0
0
0
tD
Output Delay
13
10
8
tDIS
Three-State Output Disable Delay (Note 11)
15
12
10
tENA
Three-State Output Enable Delay (Note 11)
13
11
8
MILITARY OPERATING RANGE (–55°C to +125°C) Notes 9, 10 (ns)
123456789012345678901234
123456789012345678901234
123456789012345678901234
*DISCONTINUED SPEED GRADE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com