Electronic Components Datasheet Search
  English  ▼

X  

LF3347 Datasheet(PDF) 4 Page - LOGIC Devices Incorporated

Part # LF3347
Description  High-Speed Image Filter with Coefficient RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3347 Datasheet(HTML) 4 Page - LOGIC Devices Incorporated

  LF3347 Datasheet HTML 1Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 2Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 3Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3347 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DEVICES INCORPORATED
LF3347
High-Speed Image Filter with Coefficient RAM
4
Video Imaging Products
08/16/2000–LDS.3347-G
FUNCTIONAL DESCRIPTION
Coefficient Banks
The LF3347 has four coefficient banks
which feed coefficient values to the
multipliers. Each bank can store 256
12-bit coefficients. In the example
shown in Table 3, address 10 in coeffi-
cient banks 1 through 4 is loaded with
the following values: ABCH, 789H,
456H, 123H. The coefficient banks are
not written to until all four coefficients
have been loaded into the device.
A7-0 determines which coefficient set is
sent to the multipliers. A value of 0 on
A7-0 selects set 0. A value of 1 selects
set 1 and so on.
Rounding/Offset
The accumulator output may be rounded
before being sent to the output select
section. Rounding is user-selectable and
is accomplished by adding the contents of
a round register to the accumulator
output (see Figure 2). There are sixteen
32-bit round registers. In the example in
Table 4, round register 10 is loaded with
76543210H. A round register is not
written to until all four data values have
been loaded into the device.
SELRND3-0 determines which round
register is used for rounding. A value of 0
on SELRND3-0 selects round register 0. A
value of 1 selects round register 1 and so
on. If rounding is not desired, a round
register should be loaded with 0 and
selected as the register for rounding.
Output Select
The filter output word width is 32-bits.
However, only 16-bits may be sent to the
device output. SHIFT4-0 determines
which 16 bits are passed to the device
output (See Table 1).
Output Limiting
An output limiting function is provided
for the output of the filter. When limiting is
enabled (LMTEN LOW), the limit register
selected with SELLMT3-0 determines the
valid range of output values for the overall
filter. There are sixteen 32-bit limit
registers. Each limit register contains both
an upper and lower limit value. The
lower limit is stored in bits 15-0 and the
upper limit is stored in bits 31-16. If the
value fed to the limiting circuitry is less
than the lower limit, the lower limit is
passed to the device output. If the value
fed to the limiting circuitry is greater than
the upper limit, the upper limit is passed
to the device output. When loading limit
values into the device, the upper limit must
TABLE 3.
COEFFICIENT BANK LOADING FORMAT
CC11CC10 CC9 CC8 CC7 CC6 CC5 CC4 CC3 CC2 CC1 CC0
1st Word
00
00
0
0
0
0
1
0
1
0
Address
2nd Word
10
10
1
0
1
1
1
1
0
0
Bank 1
3rd Word
01
11
1
0
0
0
1
0
0
1
Bank 2
4th Word
01
00
0
1
0
1
0
1
1
0
Bank 3
5th Word
00
01
0
0
1
0
0
0
1
1
Bank 4
TABLE 4.
ROUND REGISTER LOADING FORMAT
CC11CC10 CC9 CC8 CC7 CC6 CC5 CC4 CC3 CC2 CC1 CC0
1st Word
10
00
0
0
0
0
1
0
1
0
Address
2nd Word
RR
RR
0
0
0
1
0
0
0
*0
3rd Word
RR
RR
0
0
1
1
0
0
1
0
4th Word
RR
RR
0
1
0
1
0
1
0
0
5th Word
RR
RR
**0
1
1
1
0
1
1
0
TABLE 5.
LIMIT REGISTER LOADING FORMAT
CC11CC10 CC9 CC8 CC7 CC6 CC5 CC4 CC3 CC2 CC1 CC0
1st Word
11
00
0
0
0
0
1
1
1
1
Address
2nd Word
RR
RR
0
0
1
0
0
0
1
1
3rd Word
RR
RR
*0
0
0
0
0
0
0
1
4th Word
RR
RR
1
1
1
0
1
1
0
1
5th Word
RR
RR
**0
1
1
1
1
1
1
1
R = Reserved. Must be set to “0”.
* This bit represents the MSB of the Lower Limit Register.
** This bit represents the MSB of Upper Limit Register.
R = Reserved. Must be set to “0”.
* This bit represents the LSB of the Round Register.
** This bit represents the MSB of the Round Register.
be greater than the lower limit. In the
example shown in Table 4, limit register
15 is loaded with a lower limit of 0123H
and an upper limit of 7FEDH. A limit
register is not written to until all four data
values have been loaded into the device.
SELLMT3-0 determines which limit
register is used for limiting. A value of 0
on SELLMT3-0 selects limit register 0. A
value of 1 selects limit register 1 and so on.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com