Electronic Components Datasheet Search
  English  ▼

X  

M30620ECFS Datasheet(PDF) 34 Page - Mitsubishi Electric Semiconductor

Part # M30620ECFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620ECFS Datasheet(HTML) 34 Page - Mitsubishi Electric Semiconductor

Back Button M30620ECFS Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 33Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 34Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 35Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 36Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 37Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 38Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 276 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Bus Control
34
W
Function
Bit symbol
Bit name
Chip select control register
Symbol
Address
When reset
CSR
000816
0116
R
b7
b6
b5
b4
b3
b2
b1
b0
CS1
CS0
CS3
CS2
CS0 output enable bit
CS1 output enable bit
CS2 output enable bit
CS3 output enable bit
CS1W
CS0W
CS3W
CS2W
CS0 wait bit
CS1 wait bit
CS2 wait bit
CS3 wait bit
0 : Chip select output disabled
(Normal port pin)
1 : Chip select output enabled
0 : Wait state inserted
1 : No wait state
Figure 1.12.1. Chip select control register
Processor mode
Memory space
expansion mode
Memory expansion mode
Normal mode
(PM15,14=0,0)
Chip select signal
CS0
CS1
CS2
CS3
3000016 to CFFFF16
(640K bytes)
2800016 to
2FFFF16
(32K bytes)
0800016 to
27FFF16
(128K bytes)
When PM13=0
Microprocessor mode
3000016 to BFFFF16
(576K bytes)
3000016 to FFFFF16
(816K bytes)
0400016 to FFFFF16
(1008K bytes)
Memory expansion mode
Expansion
mode 1
(PM15,14=1,0)
Microprocessor mode
0400016 to CFFFF16
(816K bytes)
0600016 to BFFFF16
(744K bytes)
Memory expansion mode
Expansion
mode 2
(PM15,14=1,1)
(512K bytes X 7
+256K bytes)
2800016 to
3FFFF16
(96K bytes)
Microprocessor mode
4000016 to FFFFF16
(512K bytes X 8)
When PM13=0
When PM13=1
When PM13=0
When PM13=1
4000016 to BFFFF16
When PM13=1
0400016 to
07FFF16
(16K bytes)
0600016 to
07FFF16
(8K bytes)
0600016 to BFFFF16
(1000K bytes)
When PM13=0
When PM13=1
Table 1.12.2. External areas specified by the chip select signals
(A product having an internal RAM of more than 15K bytes and a ROM of more than 192K bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com