Electronic Components Datasheet Search
  English  ▼

X  

M30620ECFS Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M30620ECFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620ECFS Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M30620ECFS Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 276 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Description
6
Mitsubishi plans to release the following products in the M16C/62 group:
(1) Support for mask ROM version, external ROM version, one-time PROM version, EPROM version, and
Flash memory version
(2) ROM capacity
(3) Package
100P6S-A
: Plastic molded QFP (mask ROM, one-time PROM, and flash memory versions)
100P6Q-A
: Plastic molded QFP(mask ROM, one-time PROM, and flash memory versions)
100D0
: Ceramic LCC (EPROM version)
Figure 1.1.4. ROM expansion
The M16C/62 group products currently supported are listed in Table 1.1.2.
Table 1.1.2. M16C/62 group
ROM Size
(Byte)
External
ROM
128K
96K
64K
32K
M30620M8-XXXFP/GP
M30622M8-XXXFP/GP
M30620MA-XXXFP/GP
M30622MA-XXXFP/GP
M30620MC-XXXFP/GP
M30622MC-XXXFP/GP
Mask ROM version
One-time PROM version
EPROM version
Flash memory version
M30620ECFP/GP
M30620ECFS
M30624FGFP/GP
M30624FGLFP/GP
256K
M30624MG-XXXFP/GP
M30622M4-XXXFP/GP
External ROM version
M30620SFP/GP
M30622SFP/GP
RAM capacity
ROM capacity
Package type
Remarks
Type No
November. 1999
M30622M4-XXXFP
3K byte
100P6S-A
M30622M4-XXXGP
100P6Q-A
M30620M8-XXXFP
64K byte
10K byte
100P6S-A
mask ROM version
M30620M8-XXXGP
100P6Q-A
M30622M8-XXXFP
4K byte
100P6S-A
M30622M8-XXXGP
100P6Q-A
M30620MA-XXXFP
10K byte
100P6S-A
3K byte
M30622SFP
External ROM version
M30622SGP
100P6Q-A
100P6S-A
10K byte
M30620MC-XXXGP
10K byte
One-time PROM version
M30620ECFS
10K byte
EPROM version (Note)
M30620ECFP
M30620MC-XXXFP
M30622MC-XXXFP
M30622MC-XXXGP
M30620ECGP
5K byte
128K byte
100D0
100P6S-A
100P6Q-A
100P6S-A
100P6Q-A
100P6S-A
100P6Q-A
Note: Do not use the EPROM version for mass production, because it is a tool for program development
(for evaluation).
100P6S-A
M30620SFP
10K byte
100P6Q-A
M30620SGP
M30620MA-XXXGP
96K byte
100P6Q-A
M30622MA-XXXFP
5K byte
100P6S-A
M30622MA-XXXGP
100P6Q-A
M30624MG-XXXFP
20K byte
100P6S-A
M30624MG-XXXGP
100P6Q-A
256K byte
M30624FGFP
M30624FGGP
M30624FGLFP
M30624FGLGP
128K byte
20K byte
256K byte
Flash memory
5V version
Flash memory
3V version
20K byte
256K byte
32K byte
128K byte
100P6S-A
100P6Q-A
100P6S-A
100P6Q-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com