| Electronic Components Datasheet Search |
|
M30620ECFS Datasheet(PDF) 15 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M30620ECFS Datasheet(HTML) 15 Page - Mitsubishi Electric Semiconductor |
|
15 / 276 page ![]() Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Reset 15 ____________ Table 1.6.1 shows the statuses of the other pins while the RESET pin level is “L”. Figures 1.6.3 and 1.6.4 show the internal status of the microcomputer immediately after the reset is cancelled. ____________ Table 1.6.1. Pin status when RESET pin level is “L” Status CNVSS = VCC CNVSS = VSS BYTE = VSS BYTE = VCC Pin name P0 P1 P2, P3, P40 to P43 P44 P45 to P47 P50 P51 P52 P53 P54 P55 P56 P57 P6, P7, P80 to P84, P86, P87, P9, P10 Input port (floating) Input port (floating) Input port (floating) Input port (floating) Input port (floating) Input port (floating) Input port (floating) Input port (floating) Input port (floating) Input port (floating) Input port (floating) Input port (floating) Input port (floating) Input port (floating) Data input (floating) Data input (floating) Address output (undefined) BCLK output ALE output (“L” level is output) CS0 output (“H” level is output) WR output (“H” level is output) RD output (“H” level is output) RDY input (floating) Input port (floating) BCLK output BHE output (undefined) HLDA output (The output value depends on the input to the HOLD pin) HOLD input (floating) Data input (floating) Address output (undefined) CS0 output (“H” level is output) Input port (floating) (pull-up resistor is on) Input port (floating) Input port (floating) RDY input (floating) ALE output (“L” level is output) HOLD input (floating) HLDA output (The output value depends on the input to the HOLD pin) RD output (“H” level is output) BHE output (undefined) WR output (“H” level is output) Input port (floating) (pull-up resistor is on) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |