Electronic Components Datasheet Search
  English  ▼

X  

M30620ECFS Datasheet(PDF) 23 Page - Mitsubishi Electric Semiconductor

Part # M30620ECFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620ECFS Datasheet(HTML) 23 Page - Mitsubishi Electric Semiconductor

Back Button M30620ECFS Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 27Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 276 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Memory Space Expansion Functions
23
An example of connecting the MCU with external memories in expansion mode 1
(An example of using M30622MC in microprocessor mode)
SFR area
Internal RAM
area
External area
Internal area reserved
0000016
0040016
017FF16
FFFFF16
D000016
0800016
CS2
(128K bytes)
2800016
3000016
0400016
CS0
SRAM
(128K bytes)
Flash
ROM
(1M byte)
Usable for
programs only
Usable both for
programs and
for data
(1008K bytes)
Usable for
data only
17
8
D0 to D7
A0 to A16
A17
A19
RD
WR
CS1
CS2
CS3
CS0
A18
DQ0 to DQ7
AD0 to AD16
AD17
AD18
AD19
OE
CS
DQ0 to DQ7
AD0 to AD16
S2
W
OE
S1
A connection example
Figure 1.8.3 shows a connection example of the MCU with the external memories in expansion mode 1.
_______
_______
In this example, CS0 is connected with a 1-M byte flash ROM and CS2 is connected with a 128-K byte
SRAM.
Figure 1.8.3. External memory connect example in expansion mode 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com