Electronic Components Datasheet Search
  English  ▼

X  

UPD98411 Datasheet(PDF) 1 Page - NEC

Part # UPD98411
Description  ATM QUAD SONET FRAMER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD98411 Datasheet(HTML) 1 Page - NEC

  UPD98411 Datasheet HTML 1Page - NEC UPD98411 Datasheet HTML 2Page - NEC UPD98411 Datasheet HTML 3Page - NEC UPD98411 Datasheet HTML 4Page - NEC UPD98411 Datasheet HTML 5Page - NEC UPD98411 Datasheet HTML 6Page - NEC UPD98411 Datasheet HTML 7Page - NEC UPD98411 Datasheet HTML 8Page - NEC UPD98411 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
ATM QUAD SONET FRAMER
Document No.
S12953EJ4V0DS00 (4th edition)
Date Published
January 1999 NS
CP(K)
Printed in Japan
©NEC Corporation 1997,1999
MOS INTEGRATED CIRCUIT
µµµµPD98411
DATA SHEET
The
µPD98411 NEASCOT-P40 is one of ATM-LAN LSIs and provides the functions of the TC sublayer of the
SONET/SDH-base physical layer of the ATM protocol specified by the ATM Forum.
Its main functions include a
transmission function to map an ATM cell passed from an ATM layer to the payload of 155M-bps SONET STS-
3c/SDH STM-1 frame and transmit the cell to the PMD (Physical Media Dependent) sublayer of the physical layer,
and a reception function to separate the overhead and ATM cell from the data string received from the PMD device
and transmit the ATM cell to the ATM layer.
The
µPD98411 NEASCOT-P40 combines these transmission
/reception functions into a port function that is realized as a single 4-port LSI chip.
This LSI is ideally suited for
use in the ATM hubs, ATM switches, and other equipment used to configure an ATM network.
In addition, the
µPD98411 also has a clock recovery function for each port to extract synchronous clock for
reception of receive data from the bit stream, and a clock synthesis function to generate a clock for transmission.
For the details of functional description, refer to the following user's manual.
µµµµPD98411 User's Manual : S12736E
FEATURES
• Incorporates an ATM user network interface TC sublayer function for four channels.
• Conforms to ATM FORUM UNI v3.1.
• Incorporates four clock recovery PLLs and one clock synthesizer PLL.
• Conforms to ATM FORUM UTOPIA Level 2 v1.0.
•
ATM layers can be selected from the multi-PHY interface (up to 800 Mbps) in several different modes.
Single 16-bit
1TCLAV/1RCLAV (Cell Available signal mode)
Single 8-bit
Direct Status Indication mode
Dual 8-bit
Multiplexed Status Polling mode
•
A management interface can be set to either of two modes.
RD-WR-RDY style (Intel-compatible mode)
DS-R/W-ACK style (Motorola-compatible mode)
• The line-side PMD interface accepts a P-ECL level input.
• Supports a loopback function.
• Supports a pseudo error generation frame transmission function.
• Incorporates one general input port per channel and three output ports (each able to drive an LED) per
channel.
• Supports JTAG boundary scan test (IEEE 1149.1).


Similar Part No. - UPD98411

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD98411 RENESAS-UPD98411 Datasheet
642Kb / 42P
MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD98411

ManufacturerPart #DatasheetDescription
logo
NEC
UPD98402A NEC-UPD98402A Datasheet
178Kb / 26P
LOCAL ATM SONET FRAMER
UPD98404 NEC-UPD98404 Datasheet
201Kb / 6P
ADVANCED ATM SONET FRAMER
logo
PMC-Sierra, Inc
PM5316 PMC-PM5316 Datasheet
53Kb / 4P
Quad Channel 155 Mbit/s SONET/SDH Framer and Aligner
logo
Applied Micro Circuits ...
CS4804 AMCC-CS4804 Datasheet
42Kb / 2P
OC-48 / 4xOC-12 / 16xOC-3 SONET/SDH FRAMER AND POS/ATM MAPPER
CS19202CBI30 AMCC-CS19202CBI30 Datasheet
42Kb / 2P
STS-192 SONET/SDH FRAMER AND POS/ATM MAPPER
logo
List of Unclassifed Man...
S4806CBI ETC1-S4806CBI Datasheet
61Kb / 4P
STS-48/STM-16 SONET/SDH Framer and ATM/POS Mapper
logo
Applied Micro Circuits ...
S3029 AMCC-S3029 Datasheet
88Kb / 11P
SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER
logo
M/A-COM Technology Solu...
29704-EVMD-001-C MA-COM-29704-EVMD-001-C Datasheet
2Mb / 55P
OptiPHY-F155 STS-3/STM-1 SONET/SDH ATM/POS Framer
29704-EVMD-001-C MA-COM-29704-EVMD-001-C_15 Datasheet
2Mb / 55P
OptiPHY-F155 STS-3/STM-1 SONET/SDH ATM/POS Framer EVM User Manual
logo
PMC-Sierra, Inc
PM5316-1 PMC-PM5316-1 Datasheet
53Kb / 2P
Quad Channel 155 Mbit/s SONET/SDH Framer and Aligner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com