Electronic Components Datasheet Search
  English  ▼

X  

UPD98411 Datasheet(PDF) 19 Page - NEC

Part # UPD98411
Description  ATM QUAD SONET FRAMER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD98411 Datasheet(HTML) 19 Page - NEC

Back Button UPD98411 Datasheet HTML 15Page - NEC UPD98411 Datasheet HTML 16Page - NEC UPD98411 Datasheet HTML 17Page - NEC UPD98411 Datasheet HTML 18Page - NEC UPD98411 Datasheet HTML 19Page - NEC UPD98411 Datasheet HTML 20Page - NEC UPD98411 Datasheet HTML 21Page - NEC UPD98411 Datasheet HTML 22Page - NEC UPD98411 Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Data Sheet
S12953EJ4V0DS00
19
µµµµPD98411
1.3
Management Interface
Pin Name
Pin No.
I/O Level
I/O
Function
BMODE
47
CMOS
I
Mode selection input.
This pin input is used to select the mode of the management
interface.
BMODE=:
1: Selects <RD_B, WR_B, RDY_B> as the pin function.
0: Selects <DS_B, R/W_B, ACK_B> as the pin function.
MADD[8:0]
26-34
CMOS
I
Address input.
9-bit addresses for inputting internal register addresses.
MD[7:0]
36-39
42-45
CMOS
I/O
3-state
8-bit data buses for reading/writing internal register data.
CS_B
25
CMOS
I
Chip select signal input.
When at low level, access to internal registers is enabled.
DS/RD_B
24
CMOS
I
Data strobe signal input or read signal input.
The function of this pin varies depending on the management
interface mode selected for the BMODE pin input.
BMODE =0: Functions as data strobe signal DS_B
BMODE =1: Function as RD_B selecting the read access
RW/WR_B
23
CMOS
I
Read/write signal input or write signal input.
The function of this pin varies depending on the management
interface mode selected for the BMODE pin input. When
BMODE=0, the pin functions as Read/Write control signal
R/W_B.
R/W_B= High:
Read cycle
Low:
Write cycle
When BMODE=1, the pin functions as WR_B selecting Write for
internal registers.
ACK/RDY_B
22
CMOS
O
3-state
Data acknowledge signal output or ready signal output.
Outputs acknowledge and ready signals which accept the
Read/Write cycle for internal registers.
PHINT3_B-
PHINT0_B
149-152
CMOS
O
Interrupt signal output.
These signals inform the host that an interrupt factor has
occurred. Two modes are available for this purpose: one which
indicates an interrupt factor for four ports using the PHINT0_B
signal and the other which uses four pins PHINT0-PHINT3 to
indicate an individual interrupt for each port. Port 0 corresponds
to the PHINT0_B pin; and Port 3 to PHINT3_B.
RESET_B
153
CMOS
I
System reset signal input.
Initializes the
µPD98411. This input signal should be kept low for
1
µs or more. Especially, in case of the power on, above-
mentioned pulse width must be kept after the supply voltage
reaches equal to or more than 90% at least. When the
RESET_B signal is input, the clock must be input at REFCLK pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com