Electronic Components Datasheet Search
  English  ▼

X  

UPD98411 Datasheet(PDF) 21 Page - NEC

Part # UPD98411
Description  ATM QUAD SONET FRAMER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD98411 Datasheet(HTML) 21 Page - NEC

Back Button UPD98411 Datasheet HTML 17Page - NEC UPD98411 Datasheet HTML 18Page - NEC UPD98411 Datasheet HTML 19Page - NEC UPD98411 Datasheet HTML 20Page - NEC UPD98411 Datasheet HTML 21Page - NEC UPD98411 Datasheet HTML 22Page - NEC UPD98411 Datasheet HTML 23Page - NEC UPD98411 Datasheet HTML 24Page - NEC UPD98411 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Data Sheet
S12953EJ4V0DS00
21
µµµµPD98411
1.6
Power Supply and Ground
Pin Name
Pin No
I/O
Function
VDD
8, 14, 21, 40, 46, 61, 81,
100, 120, 132, 140, 147,
160, 164, 173, 181, 187,
194, 201, 208, 214, 220,
227, 234, 240
--
GND
1 ,2, 11, 20, 35, 41, 50,
60, 62, 80, 101, 107, 121,
122, 139, 148, 154, 161,
167, 179, 180, 188, 191,
200, 207, 221, 224, 233
--
Low-speed section logic power supply (+3.3V±5%) and ground.
VDD-PEC
51
--
GND-PEC
54
--
TFKT/TFKC input high-speed part power supply (+3.3V±5%)
and ground.
Noise from this power supply affects the jitter characteristic.
Eliminate noise through countermeasures such as filters.
VDD-CS
57
--
GND-CS
56
--
Transmit clock synthesizer PLL power supply (+3.3V±5%) and
ground.
Noise from this power supply affects the jitter characteristic.
Eliminate noise through countermeasures such as filters.
VDD-PE3
VDD-PE2
VDD-PE1
VDD-PE0
97, 106
88, 95
77, 86
68, 75
--
Each port high-speed section, receive clock recovery section
power supply (+3.3V±5%).
Noise from this power supply affects the jitter characteristic.
Eliminate noise through countermeasures such as filters.
GND-PE3
GND-PE2
GND-PE1
GND-PE0
102, 103
91, 92
82, 83
71, 72
--
Each port high-speed section, receive clock recovery section
ground.
Noise from this power supply affects the jitter characteristic.
Eliminate noise through countermeasures such as filters.
1.7
Others
Pin Name
Pin No.
I/O Level
I/O
Function
IC
48, 87, 96,
108-115
123
CMOS
--
These refer to the internal circuit connection test pins.
Be sure to leave them open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com