Electronic Components Datasheet Search
  English  ▼

X  

UPD98411 Datasheet(PDF) 13 Page - NEC

Part # UPD98411
Description  ATM QUAD SONET FRAMER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD98411 Datasheet(HTML) 13 Page - NEC

Back Button UPD98411 Datasheet HTML 9Page - NEC UPD98411 Datasheet HTML 10Page - NEC UPD98411 Datasheet HTML 11Page - NEC UPD98411 Datasheet HTML 12Page - NEC UPD98411 Datasheet HTML 13Page - NEC UPD98411 Datasheet HTML 14Page - NEC UPD98411 Datasheet HTML 15Page - NEC UPD98411 Datasheet HTML 16Page - NEC UPD98411 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Data Sheet
S12953EJ4V0DS00
13
µµµµPD98411
1. PIN FUNCTIONS
1.1
PMD Interface
(1/3)
Pin Name
Pin No.
I/O Level
I/O
Function
RDIT3-
RDIT0
105, 94,
85, 74
P-ECL
True(+)
I
RDIC3-
RDIC0
104, 93,
84, 73
P-ECL
Complement(-)
I
Receive serial data input.
Refers to the differential input of the P-ECL level.
TDOT3-
TDOT0
98, 89,
78, 69
P-ECL
True(+)
O
TDOC3-
TDOC0
99, 90,
79, 70
P-ECL
Complement(-)
O
Transmit serial data output.
Refers to the differential output of the P-ECL level. To the transmit
clock.
SD3-SD0
119-116
CMOS
I
Line signal detection signal input.
Refers to the pins for inputting the SD (Signal Detect) signal of
line transceivers (such as optical modules). If this signal goes low,
this port detects LOS.
High: Normal
Low: LOS state
REFCLK
58
CMOS
I
System clock (19.44MHz) input.
Used as the source clock for the internal synthesizer PLL/clock
recovery PLL and register operation.
REFCLK-2nd
63
CMOS
I
Second system clock (19.44MHz) input.
Refers to the pin for inputting the second source clock of the
internal synthesizer PLL. This pin is not used if it is unnecessary
to switch the source clock of the synthesizer PLL. The CSSC
register (address 076H) specifies which of REFCLK and
REFCLK-2nd clocks to use as the source block. The REFCLK
input is selected as the default. Even when REFCLK-2nd is used
as the source clock of the synthesizer PLL, REFCLK is used for
register operation as well; therefore, it is necessary to input the
clock.
RXFP
126
CMOS
O
Receive frame pulse output (8kHz).
The pulse signal is output synchronously with the start of the
receiving frame. The pulse signal is 1 cycle of the RCL clock in
length.
The internal FPMSK register (address: 07CH) is used to select
which of the four ports will output the pulse synchronous to the
receiving frame. No port is selected as the default; therefore,
using the default will result in no output.
Transmit synthesizer
PLL clock
155.52MHz
transmit clock
Register
REF_cnt bit
REFCLK
REFCLK_2nd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com