Electronic Components Datasheet Search
  English  ▼

X  

LTC2209 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2209
Description  16-Bit, 160Msps ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2209 Datasheet(HTML) 2 Page - Linear Technology

  LTC2209 Datasheet HTML 1Page - Linear Technology LTC2209 Datasheet HTML 2Page - Linear Technology LTC2209 Datasheet HTML 3Page - Linear Technology LTC2209 Datasheet HTML 4Page - Linear Technology LTC2209 Datasheet HTML 5Page - Linear Technology LTC2209 Datasheet HTML 6Page - Linear Technology LTC2209 Datasheet HTML 7Page - Linear Technology LTC2209 Datasheet HTML 8Page - Linear Technology LTC2209 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC2209
2
2209fb
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2209CUP#PBF
LTC2209CUP#TRPBF
LTC2209UP
64-Lead (9mm
× 9mm) Plastic QFN
0°C to 70°C
LTC2209IUP#PBF
LTC2209IUP#TRPBF
LTC2209UP
64-Lead (9mm
× 9mm) Plastic QFN
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2209CUP
LTC2209CUP#TR
LTC2209UP
64-Lead (9mm
× 9mm) Plastic QFN
0°C to 70°C
LTC2209IUP
LTC2209IUP#TR
LTC2209UP
64-Lead (9mm
× 9mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
pin conFiguration
absolute MaxiMuM ratings
OVDD = VDD (Notes 1 and 2)
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
Supply Voltage (VDD)...................................–0.3V to 4V
Digital Output Ground Voltage (OGND) ........ –0.3V to 1V
Analog Input Voltage (Note 3)...... –0.3V to (VDD + 0.3V)
Digital Input Voltage..................... –0.3V to (VDD + 0.3V)
Digital Output Voltage................ –0.3V to (OVDD + 0.3V)
Power Dissipation ............................................ 2500mW
Operating Temperature Range
LTC2209C................................................ 0°C to 70°C
LTC2209I .............................................–40°C to 85°C
Storage Temperature Range ..................–65°C to 150°C
Digital Output Supply Voltage (OVDD)..........–0.3V to 4V
orDer inForMation
converter characteristics
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Integral Linearity Error
Differential Analog Input (Note 5)
l
±1.5
±5.5
LSB
Differential Linearity Error
Differential Analog Input
l
±0.3
±1
LSB
Offset Error
(Note 6)
l
±2
±10
mV
Offset Drift
±10
µV/°C
Gain Error
External Reference
l
±0.2
±2
%FS
Full-Scale Drift
Internal Reference
External Reference
±30
±15
ppm/°C
ppm/°C
Transition Noise
External Reference
3
LSBRMS
TOP VIEW
65
GND
SENSE 1
GND 2
VCM 3
GND 4
VDD 5
VDD 6
GND 7
AIN+ 8
AIN– 9
GND 10
GND 11
ENC+ 12
ENC– 13
GND 14
VDD 15
VDD 16
48 D11+/DA6
47 D11–/DA5
46 D10+/DA4
45 D10–/DA3
44 D9+/DA2
43 D9–/DA1
42 D8+/DA0
41 D8–/CLKOUTA
40 CLKOUT+/CLKOUTB
39 CLKOUT–/OFB
38 D7+/DB15
37 D7–/DB14
36 D6+/DB13
35 D6–/DB12
34 D5+/DB11
33 D5–/DB10
TJMAX = 150°C, θJA = 20°C/W
EXPOSED PAD (PIN 65) IS GND, MUST BE SOLDERED TO PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com