Electronic Components Datasheet Search
  English  ▼

X  

LTC2209 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2209
Description  16-Bit, 160Msps ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2209 Datasheet(HTML) 4 Page - Linear Technology

  LTC2209 Datasheet HTML 1Page - Linear Technology LTC2209 Datasheet HTML 2Page - Linear Technology LTC2209 Datasheet HTML 3Page - Linear Technology LTC2209 Datasheet HTML 4Page - Linear Technology LTC2209 Datasheet HTML 5Page - Linear Technology LTC2209 Datasheet HTML 6Page - Linear Technology LTC2209 Datasheet HTML 7Page - Linear Technology LTC2209 Datasheet HTML 8Page - Linear Technology LTC2209 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC2209
4
2209fb
The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS unless otherwise noted. (Note 4)
DynaMic accuracy
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SFDR
Spurious Free
Dynamic Range
4th Harmonic or Higher
5MHz Input (2.25V Range, PGA = 0)
5MHz Input (1.5V Range, PGA = 1)
100
100
dBc
dBc
30MHz Input (2.25V Range, PGA = 0)
30MHz Input (1.5V Range, PGA = 1)
l
88
100
100
dBc
dBc
70MHz Input (2.25V Range, PGA = 0)
70MHz Input (1.5V Range, PGA = 1)
100
100
dBc
dBc
140MHz Input (2.25V Range, PGA = 0)
140MHz Input (1.5V Range, PGA = 1)
l
84
95
95
dBc
dBc
250MHz Input (2.25V Range, PGA = 0)
250MHz Input (1.5V Range, PGA = 1)
90
90
dBc
dBc
S/(N+D)
Signal-to-Noise Plus Distortion
Ratio
5MHz Input (2.25V Range, PGA = 0)
5MHz Input (1.5V Range, PGA = 1)
77.1
75
dBFS
dBFS
30MHz Input (2.25V Range, PGA = 0)
30MHz Input (1.5V Range, PGA = 1)
l
75.3
76.7
74.9
dBFS
dBFS
70MHz Input (2.25V Range, PGA = 0)
70MHz Input (1.5V Range, PGA = 1)
76.8
74.7
dBFS
dBFS
140MHz Input (2.25V Range, PGA = 0)
140MHz Input (1.5V Range, PGA = 1)
l
71.7
75.7
74.2
dBFS
dBFS
250MHz Input (2.25V Range, PGA = 0)
250MHz Input (1.5V Range, PGA = 1)
73.3
72.6
dBFS
dBFS
SFDR
Spurious Free Dynamic Range at
–25dBFS
Dither “OFF”
5MHz Input (2.25V Range, PGA = 0)
5MHz Input (1.5V Range, PGA = 1)
105
105
dBFS
dBFS
30MHz Input (2.25V Range, PGA = 0)
30MHz Input (1.5V Range, PGA = 1)
105
105
dBFS
dBFS
70MHz Input (2.25V Range, PGA = 0)
70MHz Input (1.5V Range, PGA = 1)
105
105
dBFS
dBFS
140MHz Input (2.25V Range, PGA = 0)
140MHz Input (1.5V Range, PGA = 1)
100
100
dBFS
dBFS
250MHz Input (2.25V Range, PGA = 0)
250MHz Input (1.5V Range, PGA = 1)
100
100
dBFS
dBFS
SFDR
Spurious Free Dynamic Range at
–25dBFS
Dither “ON”
5MHz Input (2.25V Range, PGA = 0)
5MHz Input (1.5V Range, PGA = 1)
115
115
dBFS
dBFS
30MHz Input (2.25V Range, PGA = 0)
30MHz Input (1.5V Range, PGA = 1)
l
100
115
115
dBFS
dBFS
70MHz Input (2.25V Range, PGA = 0)
70MHz Input (1.5V Range, PGA = 1)
115
115
dBFS
dBFS
140MHz Input (2.25V Range, PGA = 0)
140MHz Input (1.5V Range, PGA = 1)
110
110
dBFS
dBFS
250MHz Input (2.25V Range, PGA = 0)
250MHz Input (1.5V Range, PGA = 1)
105
105
dBFS
dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com