Electronic Components Datasheet Search
  English  ▼

X  

LTC2209 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2209
Description  16-Bit, 160Msps ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2209 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2209 Datasheet HTML 2Page - Linear Technology LTC2209 Datasheet HTML 3Page - Linear Technology LTC2209 Datasheet HTML 4Page - Linear Technology LTC2209 Datasheet HTML 5Page - Linear Technology LTC2209 Datasheet HTML 6Page - Linear Technology LTC2209 Datasheet HTML 7Page - Linear Technology LTC2209 Datasheet HTML 8Page - Linear Technology LTC2209 Datasheet HTML 9Page - Linear Technology LTC2209 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC2209
6
2209fb
The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 4)
The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
power requireMents
tiMing characteristics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Analog Supply Voltage
(Note 8)
l
3.135
3.3
3.465
V
PSHDN
Shutdown Power
SHDN = VDD
0.2
mW
STANDARD LVDS OUTPUT MODE
OVDD
Output Supply Voltage
(Note 8)
l
3
3.3
3.6
V
IVDD
Analog Supply Current
l
467
510
mA
IOVDD
Output Supply Current
l
74
90
mA
PDIS
Power Dissipation
l
1785
1980
mW
LOW POWER LVDS OUTPUT MODE
OVDD
Output Supply Voltage
(Note 8)
l
3
3.3
3.6
V
IVDD
Analog Supply Current
l
467
510
mA
IOVDD
Output Supply Current
l
41.6
50
mA
PDIS
Power Dissipation
l
1678
1848
mW
CMOS OUTPUT MODE
OVDD
Output Supply Voltage
(Note 8)
l
0.5
3.6
V
IVDD
Analog Supply Current
l
464
507
mA
PDIS
Power Dissipation
l
1531
1673
mW
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fS
Sampling Frequency
(Note 8)
l
1
160
MHz
tL
ENC Low Time
Duty Cycle Stabilizer Off (Note 7)
Duty Cycle Stabilizer On (Note 7)
l
l
2.97
2.1
3.125
3.125
1000
1000
ns
ns
tH
ENC High Time
Duty Cycle Stabilizer Off (Note 7)
Duty Cycle Stabilizer On (Note 7)
l
l
2.97
2.1
3.125
3.125
1000
1000
ns
ns
tAP
Sample-and-Hold Aperture Delay
1
ns
LVDS OUTPUT MODE (STANDARD and LOW POWER)
tD
ENC to DATA Delay
(Note 7)
l
1.3
2.5
3.8
ns
tC
ENC to CLKOUT Delay
(Note 7)
l
1.3
2.5
3.8
ns
tSKEW
DATA to CLKOUT Skew
(tC-tD) (Note 7)
l
–0.6
0
0.6
ns
tRISE
Output Rise Time
0.5
ns
tFALL
Output Fall Time
0.5
ns
Data Latency
Data Latency
7
Cycles
CMOS OUTPUT MODE
tD
ENC to DATA Delay
(Note 7)
l
1.3
2.7
4.0
ns
tC
ENC to CLKOUT Delay
(Note 7)
l
1.3
2.7
4.0
ns
tSKEW
DATA to CLKOUT Skew
(tC-tD) (Note 7)
l
–0.6
0
0.6
ns
Data Latency
Data Latency
Full Rate CMOS
Demuxed
7
7
Cycles
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com