Electronic Components Datasheet Search
  English  ▼

X  

RF2054 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2054
Description  LOW POWER PLL AND VCO WITH INTEGRATED MIXERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2054 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2054 Datasheet HTML 1Page - RF Micro Devices RF2054 Datasheet HTML 2Page - RF Micro Devices RF2054 Datasheet HTML 3Page - RF Micro Devices RF2054 Datasheet HTML 4Page - RF Micro Devices RF2054 Datasheet HTML 5Page - RF Micro Devices RF2054 Datasheet HTML 6Page - RF Micro Devices RF2054 Datasheet HTML 7Page - RF Micro Devices RF2054 Datasheet HTML 8Page - RF Micro Devices RF2054 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
2 of 39
RF2054
DS120320
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VDD)
-0.5 to +3.6
V
Input Voltage (VIN), any Pin
-0.3 to VDD +0.3
V
RF/IF Mixer Input Power
+15
dBm
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range
-65 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
ESD Requirements
Human Body Model
General
2000
V
RF Pins
1000
V
Machine Model
General
200
V
RF Pins
100
V
Operating Conditions
Supply Voltage (VDD)2.1
2.2
2.3
V
Temperature (TOP)
-20
+75
°C
Logic Inputs/Outputs
VDD = Supply to DIG_VDD pin
Input Low Voltage
-0.3
+0.5
V
Input High Voltage
1.5
VDD
V
Input Low Current
-10
+10
uA
Input = 0V
Input High Current
-10
+10
uA
Input = VDD
Output Low Voltage
0
0.2 * VDD
V
Output High Voltage
0.8 * VDD
VDD
V
Load Resistance
10
k
Load Capacitance
20
pF
Static
VDD = +2.2V, MIX_IDD = 001
Supply Current (IDD)
One Mixer Enabled
424548
mA
FULLD = 0
Both Mixers Enabled
57
mA
FULLD = 1
Standby
3
mA
Reference oscillator and bandgap only.
Power Down Current
140
A
ENBL = 0 and REF_STBY = 0
Mixer
Mixer output driving 4:1 balun, MIX_IDD = 001
Gain (DUT Only)
-6
-3.5
-2
dB
Not including balun losses.
Gain
-6.5
dB
Including balun losses, 1GHz to 2GHz conver-
sion.
Noise Figure
11
dB
IIP3
+12
dBm
Pin1dB
+1
dBm
RF and IF Port Frequency Range
30
2500
MHz
Mixer Input Return Loss
10
dB
100
 differential
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com