Electronic Components Datasheet Search
  English  ▼

X  

RF2054 Datasheet(PDF) 28 Page - RF Micro Devices

Part # RF2054
Description  LOW POWER PLL AND VCO WITH INTEGRATED MIXERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2054 Datasheet(HTML) 28 Page - RF Micro Devices

Back Button RF2054 Datasheet HTML 24Page - RF Micro Devices RF2054 Datasheet HTML 25Page - RF Micro Devices RF2054 Datasheet HTML 26Page - RF Micro Devices RF2054 Datasheet HTML 27Page - RF Micro Devices RF2054 Datasheet HTML 28Page - RF Micro Devices RF2054 Datasheet HTML 29Page - RF Micro Devices RF2054 Datasheet HTML 30Page - RF Micro Devices RF2054 Datasheet HTML 31Page - RF Micro Devices RF2054 Datasheet HTML 32Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
28 of 39
RF2054
DS120320
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
PLL1x2 (0Ah) - LSB of Fractional Divider Ratio and CT Default
PLL1x3 (0Bh) - Integer Divider Ratio and VCO Current
#
Bit Name
Default
Function
15
P1_NUM_LSB
0
2
Path 1 VCO divider numerator value, least significant 8 bits
14
0
13
1
12
0
11
0
7
10
1
91
81
7
P1_CT_DEF
0
7
Path 1 VCO coarse tuning value, used when P1_CT_EN = 00
61
51
41
31
E
21
11
00
#
Bit Name
Default
Function
15
P1_N
0
2
Path 1 VCO divider integer value
14
0
13
1
12
0
11
0
3
10
0
91
81
70
0
60
50
40
30
2
2
P1_VCOI
0
Path 1 VCO bias setting: 000 = minimum value, 111 = maximum value. RF2054 character-
ized with 000.
11
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com