Electronic Components Datasheet Search
  English  ▼

X  

RF2054 Datasheet(PDF) 20 Page - RF Micro Devices

Part # RF2054
Description  LOW POWER PLL AND VCO WITH INTEGRATED MIXERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2054 Datasheet(HTML) 20 Page - RF Micro Devices

Back Button RF2054 Datasheet HTML 16Page - RF Micro Devices RF2054 Datasheet HTML 17Page - RF Micro Devices RF2054 Datasheet HTML 18Page - RF Micro Devices RF2054 Datasheet HTML 19Page - RF Micro Devices RF2054 Datasheet HTML 20Page - RF Micro Devices RF2054 Datasheet HTML 21Page - RF Micro Devices RF2054 Datasheet HTML 22Page - RF Micro Devices RF2054 Datasheet HTML 23Page - RF Micro Devices RF2054 Datasheet HTML 24Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
20 of 39
RF2054
DS120320
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Start-up
When starting up and following device reset then REFSTBY=0, REFSTBY should be asserted high at least 200
s before ENBL is
taken high. This is to allow the XO bias circuits to settle. The various calibration routines will also take some time depending on
whether they are enabled or not. Coarse tuning calibration takes about 50
s and VCO tuning gain compensation takes about
100
s. Additionally, time for the PLL to settle will be required. All of these timings will be dependant upon application specific
factors such as loop filter bandwidth, reference clock frequency, and so on. The fastest turn-on and lock time will be obtained
by leaving REFSTBY asserted high, disabling all calibration routines, minimizing all calibration times, and setting the PLL loop
bandwidth as wide as possible.
The device can be reset into its initial state (default settings) at any time by performing a hard reset. This is achieved by setting
the RESETB pin low for at least 100ns.
Setting Up Device Operation
The device offers a number of operating modes which need to be set up in the device before it will work as intended. This is
achieved as follows.
Three registers need to be written, taking 3.9
s at the maximum clock speed. If the device is used with an active filter in sim-
plex operation it will not be necessary to program CFG1 reducing the programming time to 2.6
s.
Set-up device
operation
Disable active
loop filter?
Default
Yes
LF_ACT
Set to 0
Program
MIX1_IDD and
MIX2_IDD
Set-up complete
Program XO_CT,
XO_CR_S and
CLK_DIV
Internal
capacitors
used to set
Xtal load
Mixer
linearity
1
2
Full duplex
operation?
Default
Yes
FULLD
Set to 1
When setting up the device it is necessary to decide if
an active or passive loop filter will be used in the
phase locked loop. The LF_ACT bit is located in the
CFG1 register and is active by default. Set the phase
detector polarity bit in CFG1since the active filter
inverts the loop filter voltage.
The user must then activate the full duplex mode of
operation if fast frequency switching is required or it is
necessary to have both mixers operating
simultaneously. This bit is also located in the CFG1
register and is inactive by default.
The mixer linearity setting is then selected. The default
value is 4 with 1 being the lowest setting and 5 the
highest. The MIX1_IDD and MIX2_IDD bits are located
in the CFG2 register.
The internal crystal loading capacitors are also
programmed to present the correct load to the crystal.
The capacitance internal to the chip can be varied
from 8-16pF in 0.25pF steps (default=10pF). The
reference divider must also be set to determine the
phase detector frequency (default=1). These bits are
located in the CFG4 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com