Electronic Components Datasheet Search
  English  ▼

X  

RF3857 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF3857
Description  DUAL CHANNEL LNA WITH BYPASS MODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3857 Datasheet(HTML) 2 Page - RF Micro Devices

  RF3857 Datasheet HTML 1Page - RF Micro Devices RF3857 Datasheet HTML 2Page - RF Micro Devices RF3857 Datasheet HTML 3Page - RF Micro Devices RF3857 Datasheet HTML 4Page - RF Micro Devices RF3857 Datasheet HTML 5Page - RF Micro Devices RF3857 Datasheet HTML 6Page - RF Micro Devices RF3857 Datasheet HTML 7Page - RF Micro Devices RF3857 Datasheet HTML 8Page - RF Micro Devices RF3857 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2 of 11
RF3857
DS110616
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +6.0
V
DC
Input RF Level
+5 (see note)
dBm
Current Drain, ICC per Channel
32
mA
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
NOTE: Exceeding any one or a combination of the above maximum rating lim-
its may cause permanent damage. Input RF transients to +15dBm will not
harm the device. For sustained operation at inputs >+5dBm, a small dropping
resistor is recommended in series with the VCC in order to limit the current due
to self-biasing to <32mA per channel.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Typical Operating Conditions
Temp=25°C, VCC=3.3V, VREF=3.3V,
Frequency=2450MHz for WiBro/WiFi Tune and
3500MHz for WiMax Tune, Gain Select=Low or
High depending on the test unless otherwise
noted in the condition column)
Frequency Range
900
4000
MHz
WiBRO/WiFi Low Noise
Amplifier
Frequency
2300
2450
2900
MHz
HIGH GAIN MODE
Gain Select<0.8V, VREF=3.3V, T=+25°C
Gain
12.0
14.0
17.0
dB
RFIN1 to RFOUT1 or RFIN2 to RFOUT2 receieve
paths over full temp range, frequency, and pro-
cess.
Noise Figure
1.0
1.3
1.55
dB
Over full temp range, frequency, and process.
Input IP3
+7.0
+9.0
dBm
IIP3 will improve if ICC is raised above 7mA.
Output VSWR
1.7:1
2:1
Total Current Drain (per channel)
8.5
mA
Total current includes ICC+IREF
Channel Isolation
-40
dBc
Difference between the POUT at RFOUT1 and
RFOUT2 when signal is applied at RFIN1 or
RFIN2
BYPASS MODE
Gain Select>1.8V, VREF=0V, VCC=3.3V
Gain
-3.0
-2.5
-2.0
dB
Both RX paths, over full temp range and pro-
cess. Note: Bypass mode insertion loss will
degrade gradually as VCC goes below 2.7V.
Input IP3
+19.5
+21.0
+23.0
dBm
For each RX path, over full tmep range, and
process.
Output VSWR
1.6:1
Total Current Drain
2.0
3.0
mA
Total current includes ICC+IREF
WiMAX Low Noise Amplifier
HIGH GAIN MODE
Gain Select<0.8V, VREF=3.3V, VCC=3.3V
Frequency
3100
3500
MHz
Gain
10
12
14.5
dB
RFIN1 to RFOUT1 or RFIN2 to RFOUT2 receive
paths over full temp range, frequency, and pro-
cess.
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com