Electronic Components Datasheet Search
  English  ▼

X  

RF3857 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF3857
Description  DUAL CHANNEL LNA WITH BYPASS MODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3857 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF3857 Datasheet HTML 2Page - RF Micro Devices RF3857 Datasheet HTML 3Page - RF Micro Devices RF3857 Datasheet HTML 4Page - RF Micro Devices RF3857 Datasheet HTML 5Page - RF Micro Devices RF3857 Datasheet HTML 6Page - RF Micro Devices RF3857 Datasheet HTML 7Page - RF Micro Devices RF3857 Datasheet HTML 8Page - RF Micro Devices RF3857 Datasheet HTML 9Page - RF Micro Devices RF3857 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6 of 11
RF3857
DS110616
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
WiBRO/WiFi (2.3GHz to 2.7GHz)
Note: for best turn on and OFF time for both RX paths C1 and C2 should be changed to a value between 10pF to 100pF.
R4
1.8 k
Logic
Control
1
2
3
6
5
4
8
7
12
11
10
9
15
16
13
14
Logic
Control
C1
22 nF
J1
RFIN1
50
strip
C2
22 nF
J2
RFIN2
50
strip
VREF2
R3
1.8 k
VREF1
R2
0
GAIN SEL1
C10
1.5 pF
50
strip
J3
RFOUT1
L1
1.5 nH
C8
100 pF
C7
10 nF
VCC1
R5
0
GAIN SEL2
C6
1.5 pF
50
strip
J4
RFOUT2
L2
1.5 nH
C3
100 pF
C4
10 nF
VCC2
C5
DNI
R6
0
R1
0
C9
DNI



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com